Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # HT
Description  High temperature 105 C and high reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HT Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  HT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. 7a
HT Series
(High Operating Temperature) MERITEK
Aluminum Electrolytic Capacitors
CASE SIZE & MAX RIPPLE CURRENT
Case size
: DxL
(mm)
Max. ripple current
: mA(rms) 105
C 120Hz
Cap.
(uF)
V
63
100
Item
DxL
R.C.
DxL
R.C.
0.47

5x11
12
1

5x11
18
2.2

5x11
27
3.3

5x11
33
4.7

5x11
39
10
5x11
50
6.3x11
65
22
6.3x11
85
8x11.5
110
33
8x11.5
120
10x12.5
140
47
10x12.5
150
10x16
190
100
10x16
250
12.5x20
330
220
10x20
400
16x25
540
330
12.5x20
530
16x25
660
470
12.5x25
690
16x31.5
870
1000
16x31.5
1120
All blank voltage on sleeve marking is the same voltage as
“” point to.
Cap.
(uF)
V
160
200
250
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.47
6.3x11
13
6.3x11
14
6.3x11
15
1
6.3x11
19
6.3x11
20
8x11.5
26
2.2
6.3x11
28
6.3x11
30
8x11.5
38
3.3
8x11.5
40
8x11.5
43
10x12.5
49
4.7
8x11.5
48
10x12.5
55
10x12.5
60
10
10x12.5
75
10x16
90
10x20
110
22
10x20
140
10x20
140
12.5x20
170
33
12.5x20
180
12.5x20
190
12.5x25
220
47
12.5x25
230
12.5x25
250
16x25
270
100
16x25
340
16x31.5
400
16x35.5
460
220
18x35.5
630
18x40
710
Cap.
(uF)
V
350
400
450
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
1
10x12.5
19
10x12.5
20
10x18
20
2.2
10x16
32
10x18
35
12.5x20
33
3.3
10x20
43
12.5x20
48
12.5x25
45
4.7
12.5x20
55
12.5x20
55
16x25
55
10
12.5x25
85
12.5x25
90
16x31.5
85
22
16x31.5
140
16x31.5
150
16x35.5
140
33
18x35.5
200
18x35.5
210
18x40
190
47
18x40
250
18x40
260



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com