Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # HT
Description  High temperature 105 C and high reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HT Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  HT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 7a
HT Series
(High Operating Temperature) MERITEK
Aluminum Electrolytic Capacitors
Temperature(
C)
65
85
105
Multiplier
1.80
1.50
1.00
Frequency(Hz)
60
120
1K
 10k
W.V.
Multiplier
6.3~25V
0.80
1.00
1.15
1.20
35~100V
0.75
1.00
1.30
1.40
160~450V
0.70
1.00
1.40
1.60
FEATURES
 High temperature 105C and high reliability
 Good reliability series for communication equipment and industrial
measurement instruments.
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +105
C
- 25 ~ +105
C
Rated Working Voltage
6.3 ~ 100VDC
160 ~ 450VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M), +50%/-10%(T)
Leakage Current
(20
C)
I
 0.01CV or 4 (A)
I
 0.03CV + 40 (A) max
*Whichever is greater after 3 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
S.V.
8
13
20
32
44
63
79
125
200
250
300
400
450
500
Dissipation Factor ( tan
 )
(120Hz 20
C)
add 0.02 per 1000uF for more than 1000uF
W.V.
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
tan
 0.20 0.17 0.15 0.12 0.10 0.09 0.09 0.07 0.15 0.12 0.10 0.15 0.15 0.15
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10~16
25~100
160~250
350 ~ 400
450
-25
C / +20C
4
3
2
4
8
15
-40
C / +20C
8
6
4
-
-
-
Load Life
After 2000 hours application of W.V. and +105
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage )
Capacitance Change
25% of initial value for 6.3 ~ 16 W.V. ,  20% of initial value for 25 ~
450 W.V.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +105
C no voltage application after 1000 hours the capacitor shall meet the following limits.
( with voltage treatment )
Capacitance Change
20% of initial
Dissipation Factor
 200% of initial specified value
Leakage Current
 200% of initial specified value
PART NUMBER SYSTEM
RIPPLE CURRENT COEFFICIENTS
HT 50V
100 M TA 5x11
Meritek Series
Rated Voltage
Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros.
‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%, T - +50/-10%
Package
Code
TA
TR
Blank
Tape & Ammo Tape & Reel
Case size
– (D) Diameter x (L) Length in mm (Optional)


Similar Description - HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
logo
Suntan Capacitors
TS14 SUNTAN-TS14 Datasheet
357Kb / 2P
HIGH TEMPERATURE ALUMINUM ELECTROLYTIC CAPACITOR-105?
logo
United Chemi-Con, Inc.
ELXY100ELL182MK20S CHEMI-CON-ELXY100ELL182MK20S Datasheet
64Kb / 2P
High reliability, Low impedance, 105?
ELXY500ELL102ML30S CHEMI-CON-ELXY500ELL102ML30S Datasheet
64Kb / 2P
High reliability, Low impedance, 105?
ELXY250ELL121MF15D CHEMI-CON-ELXY250ELL121MF15D Datasheet
64Kb / 2P
High reliability, Low impedance, 105?
ELXY630ELL471ML25S CHEMI-CON-ELXY630ELL471ML25S Datasheet
64Kb / 2P
High reliability, Low impedance, 105?
logo
Vishay Siliconix
SM5A27T VISHAY-SM5A27T Datasheet
97Kb / 5P
High Temperature Stability and High Reliability Conditions
24-Mar-15
SM5S10AT VISHAY-SM5S10AT Datasheet
113Kb / 5P
High Temperature Stability and High Reliability Conditions
03-Jul-15
logo
Epson ToYoCom
TG-5510CA EPSONTOYOCOM-TG-5510CA Datasheet
392Kb / 1P
TCXO HIGH STABILITY 105 쨘C HIGH TEMPERATURE
logo
RFE international
RGA RFE-RGA Datasheet
1Mb / 6P
Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
06-OCT-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com