Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # HT
Description  High temperature 105 C and high reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HT Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  HT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION HT Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. 7a
HT Series
(High Operating Temperature) MERITEK
Aluminum Electrolytic Capacitors
Case size
: DxL
(mm)
Max. ripple current
: mA(rms) 105
C 120Hz
DIMENSIONS (mm)
D
5
6.3
8
10
12.5
16
18
F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8

1.5
1.5
1.5
1.5
1.5
1.5
1.5
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
47
-
-

5x11
85
100
6.3x11
120
6.3x11
130
6.3x11
140
220
6.3x11
180
6.3x11
190
8x11.5
240
330
8x11.5
260
8x11.5
280
10x12.5
310
470
8x11.5
310
8x11.5
330
10x12.5
370
1000
10x12.5
470
10x16
570
10x20
660
2200
10x20
810
12.5x20
930
12.5x25
1090
3300
12.5x20
1020
12.5x25
1200
16x25
1270
4700
12.5x25
1260
16x25
1350
16x31.5
1560
6800
16x25
1430
16x31.5
1660
18x35.5
1940
10000
16x31.5
1730
18x35.5
2030
18x40
2200
15000
18x35.5
2120
18x40
2310
Cap.
(uF)
V
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.47

5x11
11
1.0

5x11
16
2.2

5x11
23
3.3

5x11
29
4.7

5x11
34
10
5x11
43
5x11
47
5x11
50
22
5x11
65
6.3x11
80
6.3x11
85
33
6.3x11
90
6.3x11
100
8x11.5
120
47
6.3x11
110
8x11.5
140
8x11.5
140
100
8x11.5
180
8x11.5
200
10x12.5
220
220
10x12.5
280
10x12.5
310
10x16
360
330
10x12.5
350
10x16
420
10x20
490
470
10x16
460
10x20
560
12.5x20
630
1000
12.5x20
790
12.5x25
960
16x25
1010
2200
16x25
1210
16x31.5
1440
18x35.5
1700
3300
16x31.5
1530
18x35.5
1840
18x40
2020
4700
18x35.5
1890
18x40
2100
6800
18x40
2170
All blank voltage on sleeve marking is the same voltage as
“” point to.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com