Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX127ACAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX127ACAI
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX127ACAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX127ACAI Datasheet HTML 5Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 6Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 9Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 10Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 11Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 12Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
_______________________________________________________________________________________
9
Detailed Description
Converter Operation
The MAX127/MAX128 multirange, fault-tolerant ADCs
use successive approximation and internal track/hold
(T/H) circuitry to convert an analog signal to a 12-bit
digital output. Figure 1 shows the block diagram for
these devices.
Analog-Input Track/Hold
The T/H circuitry enters its tracking/acquisition mode on
the falling edge of the sixth clock in the 8-bit input con-
trol word and enters its hold/conversion mode when the
master issues a STOP condition. For timing information,
see the
Start a Conversion section.
Input Range and Protection
The MAX127/MAX128 have software-selectable input
ranges. Each analog input channel can be indepen-
dently programmed to one of four ranges by setting the
appropriate control bits (RNG, BIP) in the control byte
(Table 1). The MAX127 has selectable input ranges
extending to ±10V (±VREF x 2.441), while the MAX128
has selectable input ranges extending to ±VREF. Note
that when an external reference is applied at REFADJ,
the voltage at REF is given by VREF = 1.638 x VREFADJ
(2.4 < VREF < 4.18). Figure 2 shows the equivalent
input circuit.
A resistor network on each analog input provides a
±16.5V fault protection for all channels. This circuit lim-
its the current going into or out of the pin to less than
1.2mA, whether or not the channel is on. This provides
an added layer of protection when momentary over-
voltages occur at the selected input channel, and when
a negative signal is applied at the input even though
the device may be configured for unipolar mode.
Overvoltage protection is active even if the device is in
power-down mode or VDD = 0.
Digital Interface
The MAX127/MAX128 feature a 2-wire serial interface
consisting of the SDA and SCL pins. SDA is the data
I/O and SCL is the serial clock input, controlled by the
master device. A2–A0 are used to program the
MAX127/MAX128 to different slave addresses. (The
MAX127/MAX128 only work as slaves.) The two bus
lines (SDA and SCL) must be high when the bus is not
in use. External pull-up resistors (1k
Ωor greater) are
required on SDA and SCL to maintain I2C compatibility.
Table 1 shows the input control-byte format.
Figure 1. Block Diagram
CH2
CH1
CH0
SHDN
CH3
CH4
CH5
CH6
CH7
REFADJ
REF
VDD
AGND
DGND
MAX127
MAX128
12-BIT SAR ADC
IN
REF
CLOCK
OUT
T/H
2.5V
REFERENCE
ANALOG
INPUT
MUX
AND SIGNAL
CONDITIONING
AV =
1.638
INT
CLOCK
SDA
A2
A1
A0
SCL
SERIAL INTERFACE LOGIC
10k
Figure 2. Equivalent Input Circuit
5.12k
R2
R1
CH_
S1
S2
S3
S4
BIPOLAR
UNIPOLAR
VOLTAGE
REFERENCE
T/H
OUT
HOLD
TRACK
TRACK
HOLD
OFF
ON
CHOLD
S1 = BIPOLAR/UNIPOLAR SWITCH
S2 = INPUT MUX SWITCH
S3, S4 = T/H SWITCH
R1 = 12.5k
Ω (MAX127) OR 5.12kΩ (MAX128)
R2 = 8.67k
Ω (MAX127) OR ∞ (MAX128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com