Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX127ACAI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX127ACAI
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX127ACAI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX127ACAI Datasheet HTML 1Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 2Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 3Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 4Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 5Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 6Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX127ACAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 400kHz;
TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
MAX128
MAX127
MAX127
-600
360
IIN
-1200
720
µA
±VREF/2 range
±VREF range
±5V range
-1200
10
±10V range
-600
10
Bipolar
Input Voltage Range
VIN
-10
10
TC VREF
-5
5
MAX127
-VREF
VREF
-VREF/2
VREF/2
MAX128
Bipolar,
Table 3
MAX127
MAX128
0 to 5V or 0 to VREF/2 range
0 to 10V or 0 to VREF range
±5V or ±VREF/2 range
±10V or ±VREF range
Buffer Voltage Gain
1.638
V/V
REFADJ Adjustment Range
±1.5
%
Figure 12
Capacitive Bypass at REF
4.7
µF
REFADJ Output Voltage
2.465
2.500
2.535
V
Load Regulation (Note 5)
10
mV
0 to 0.5mA output current
0
VREF
0
VREF/2
Unipolar,
Table 3
Input Resistance
∆VIN
∆IIN
21
k
Ω
16
-10
360
Unipolar
Input Current
-10
720
Bipolar
MAX128
0 to 5V range
-10
0.1
10
0 to 10V range
Unipolar
2.5
Small-Signal Bandwidth
5
MHz
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
2.5
-3dB
rolloff
1.25
0
10
V
0
5
Track/Hold Acquisition Time
3
µs
Input Capacitance
40
pF
REFOUT Voltage
VREF
4.076
4.096
4.116
V
REFOUT Tempco
±15
ppm/°C
Output Short-Circuit Current
30
mA
CONDITIONS
(Note 4)
TA = +25°C
MAX127_C/MAX128_C
±30
MAX127_E/MAX128_E
ANALOG INPUT
INTERNAL REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com