Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX127AEAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX127AEAI
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX127AEAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX127AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX127/MAX128 are multirange, 12-bit data
acquisition systems (DAS) that require only a single
+5V supply for operation, yet accept signals at their
analog inputs that may span above the power-supply
rail and below ground. These systems provide eight
analog input channels that are independently software
programmable for a variety of ranges: ±10V, ±5V, 0 to
+10V, 0 to +5V for the MAX127; and ±VREF, ±VREF/2, 0
to +VREF, 0 to +VREF/2 for the MAX128. This range
switching increases the effective dynamic range to 14
bits and provides the flexibility to interface 4–20mA,
±12V, and ±15V-powered sensors directly to a single
+5V system. In addition, these converters are fault pro-
tected to ±16.5V; a fault condition on any channel will
not affect the conversion result of the selected channel.
Other features include a 5MHz bandwidth track/hold,
an 8ksps throughput rate, and the option of an internal
4.096V or external reference.
The MAX127/MAX128 feature a 2-wire, I2C-compatible
serial interface that allows communication among multi-
ple devices using SDA and SCL lines.
A hardware shutdown input (SHDN) and two software-
programmable power-down modes (standby and full
power-down) are provided for low-current shutdown
between conversions. In standby mode, the reference-
buffer remains active, eliminating start-up delays.
The MAX127/MAX128 are available in 24-pin DIP or
space-saving 28-pin SSOP packages.
Applications
Industrial Control Systems
Data-Acquisition Systems
Robotics
Automatic Testing
Battery-Powered Instruments
Medical Instruments
Features
o 12-Bit Resolution, 1/2 LSB Linearity
o +5V Single-Supply Operation
o I2C-Compatible, 2-Wire Serial Interface
o Four Software-Selectable Input Ranges
MAX127: 0 to +10V, 0 to +5V, ±10V, ±5V
MAX128: 0 to +VREF, 0 to +VREF/2, ±VREF,
±VREF/2
o 8 Analog Input Channels
o 8ksps Sampling Rate
o ±16.5V Overvoltage-Tolerant Input Multiplexer
o Internal 4.096V or External Reference
o Two Power-Down Modes
o 24-Pin Narrow DIP or 28-Pin SSOP Packages
EVALUATION
KIT
AVAILABLE
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
________________________________________________________________
Maxim Integrated Products
1
VDD
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
DGND
0.01
µF
µC
4.7
µF
0.1
µF
1k
SHDN
MAX127
MAX128
+5V
ANALOG
INPUTS
SCL
SDA
A0
A1
A2
REF
REFADJ
AGND
SCL
SDA
Typical Operating Circuit
19-4773; Rev 0; 7/98
Ordering Information continued at end of data sheet.
PART
MAX127ACNG
MAX127ACNG
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
24 Narrow Plastic DIP
24 Narrow Plastic DIP
±1
±1/2
INL
(LSB)
Pin Configurations appear at end of data sheet.
Ordering Information


Similar Part No. - MAX127AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270-MAX1271 MAXIM-MAX1270-MAX1271 Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270ACAI MAXIM-MAX1270ACAI Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270ACAI MAXIM-MAX1270ACAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270ACNG MAXIM-MAX1270ACNG Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
More results

Similar Description - MAX127AEAI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
8K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com