Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX127AEAI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX127AEAI
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX127AEAI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX127AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
N.C.
REF
REFADJ
N.C.
N.C.
CH7
CH0
N.C.
CH6
CH5
CH4
CH3
CH2
CH1
AGND
SHDN
A1
N.C.
A2
SDA
N.C.
N.C.
A0
SCL
N.C.
DGND
VDD
VDD
SSOP
TOP VIEW
MAX127
MAX128
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1998 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1998 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1998 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1998 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
N.C.
REF
N.C.
REFADJ
DGND
N.C.
VDD
VDD
CH7
CH6
CH5
CH4
A2
SDA
A0
SCL
16
15
14
13
9
10
11
12
CH3
CH2
CH1
CH0
AGND
SHDN
A1
N.C.
DIP
MAX127
MAX128
Pin Configurations
Ordering Information (continued)
Chip Information
TRANSISTOR COUNT: 4219
SUBSTRATE CONNECTED to AGND
PART
MAX127ACAI
MAX127BCAI
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 SSOP
28 SSOP
±1
±1/2
INL
(LSB)
MAX127AENG
MAX127BENG -40°C to +85°C
-40°C to +85°C
24 Narrow Plastic DIP
24 Narrow Plastic DIP
±1
±1/2
MAX127AEAI
MAX127BEAI
-40°C to +85°C
-40°C to +85°C
28 SSOP
28 SSOP
±1
±1/2
MAX128ACNG
MAX128BCNG
MAX128ACAI
MAX128BCAI
0°C to +70°C
0°C to +70°C
24 Narrow Plastic DIP
24 Narrow Plastic DIP
0°C to +70°C
0°C to +70°C
±1
±1/2
28 SSOP
28 SSOP
±1
±1/2
MAX128AENG
MAX128BENG -40°C to +85°C
-40°C to +85°C
24 Narrow Plastic DIP
24 Narrow Plastic DIP
±1
±1/2
MAX128AEAI
MAX128BEAI
-40°C to +85°C
-40°C to +85°C
28 SSOP
28 SSOP
±1
±1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com