Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX127AEAI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX127AEAI
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX127AEAI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX127AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
The MAX127/MAX128 ignore acknowledge and NOT-
acknowledge conditions issued by the master during
the read cycle. The device waits for the master to read
the output data or waits until a STOP condition is
issued. Figure 10 shows a complete read cycle.
In unipolar input mode, the output is straight binary. For
bipolar input mode, the output is two’s complement. For
output binary codes see the
Transfer Function section.
Applications Information
Power-On Reset
The MAX127/MAX128 power up in normal operating
mode, waiting for a START condition followed by the
appropriate slave address. The contents of the input
and output data registers are cleared at power-up.
Internal or External Reference
The MAX127/MAX128 operate with either an internal or
an external reference (Figures 11a–11c). An external
reference is connected to either REF or to REFADJ.
The REFADJ internal buffer gain is trimmed to 1.6384 to
provide 4.096V at REF from a 2.5V reference.
Internal Reference
The internally trimmed 2.50V reference is amplified
through the REFADJ buffer to provide 4.096V at REF.
Bypass REF with a 4.7µF capacitor to AGND and bypass
REFADJ with a 0.01µF capacitor to AGND (Figure 11a).
The internal reference voltage is adjustable to ±1.5%
(±65 LSBs) with the reference-adjust circuit of Figure 12.
External Reference
To use the REF input directly, disable the internal buffer
by connecting REFADJ to VDD (Figure 11b). Using the
REFADJ input eliminates the need to buffer the refer-
ence externally. When the reference is applied at
REFADJ, bypass REFADJ with a 0.01µF capacitor to
AGND (Figure 11c).
At REF and REFADJ, the input impedance is a mini-
mum of 10k
Ω for DC currents. During conversions, an
external reference at REF must be able to drive a
400µA DC load, and must have an output impedance
of 10
Ω or less. If the reference has higher input imped-
ance or is noisy, bypass REF with a 4.7µF capacitor to
AGND as close to the chip as possible.
With an external reference voltage of less than 4.096V
at REF or less than 2.5V at REFADJ, the increase in
RMS noise to the LSB value (full-scale voltage/4096)
results in performance degradation and loss of effec-
tive bits.
Power-Down Mode
To save power, put the converter into low-current shut-
down mode between conversions. Two programmable
power-down modes are available, in addition to the
hardware shutdown. Select STBYPD or FULLPD by pro-
gramming PD0 and PD1 in the input control byte (Table
4). When software power-down is asserted, it becomes
effective only after the end of conversion. In all power-
down modes, the interface remains active and conver-
sion results may be read. Input overvoltage protection
is active in all power-down modes.
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
______________________________________________________________________________________
13
Figure 10. Complete 2-Wire Serial Read Transmission
START
CONDITION
STOP
CONDITION
LSB DATA BYTE
MSB DATA BYTE
SLAVE ADDRESS BYTE
MSB
MSB
MSB
LSB
LSB
LSB
0
1
1
2
7
8
9
10
11
17
18
19
22
23
26
27
R
A
D11
D4
A
D3
D0
A
FILLED WITH
4 ZEROS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com