Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX127AEAI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX127AEAI
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX127AEAI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX127AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX127AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 400kHz;
TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
Input Hysteresis
VHYS
0.05 x VDD
V
Input Low Threshold Voltage
VIL
0.3 x VDD
V
Input High Threshold Voltage
VIH
0.7 x VDD
V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
TIMING CHARACTERISTICS
(VDD = +4.75V to +5.25V; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; TA = TMIN to TMAX;
unless otherwise noted. Typical values are at TA = +25°C.)
Input Capacitance
CIN
15
pF
(Note 4)
Input Leakage Current
IIN
±0.1
±10
µA
VIN = 0 or VDD
Three-State Output Capacitance
COUT
15
pF
(Note 4)
Output Low Voltage
VOL
0.4
V
ISINK = 3mA
2-WIRE FAST MODE
Hold Time (Repeated)
START Condition
tHD,STA
0.6
µs
Bus Free Time Between a
STOP and START Condition
tBUF
1.3
µs
SCL Clock Frequency
fSCL
400
kHz
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Set-Up Time for a Repeated
START Condition
tSU,STA
0.6
µs
High Period of the SCL Clock
tHIGH
0.6
µs
Low Period of the SCL Clock
tLOW
1.3
µs
Rise Time for Both SDA and SCL
Signals (Receiving)
tR
20 +
300
0.1 x Cb
ns
Cb = Total capacitance of one bus line in pF
Data Setup Time
tSU,DAT
100
ns
Data Hold Time
tHD,DAT
0
0.9
µs
DIGITAL INPUTS (SDA, SCL)
DIGITAL OUTPUTS (SDA)
ISINK = 6mA
0.6
Fall Time for Both SDA and SCL
Signals (Receiving)
tF
Cb = Total capacitance of one bus line in pF
20 +
300
0.1 x Cb
ns
Fall Time for Both SDA and SCL
Signals (Transmitting)
tF
Cb = Total capacitance of one bus line in pF
20 +
250
0.1 x Cb
ns
Set-Up Time for STOP Condition
tSU,STO
0.6
µs
Capacitive Load for Each
Bus Line
Cb
400
pF
Pulse Width of Spike Suppressed
tSP
0
50
ns
2-WIRE FAST MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com