Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX199AEAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX199AEAI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199AEAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX199AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
The input channels are overvoltage protected to
±16.5V. This protection is active even if the device is in
power-down mode.
Even with VDD = 0V, the input resistive network provides
current-limiting that adequately protects the device.
Digital Interface
Input data (control byte) and output data are multiplexed
on a three-state parallel interface. This parallel I/O can
easily be interfaced with a µP. CS, WR, and RD control
the write and read operations. CS is the standard chip-
select signal, which enables a µP to address the MAX199
as an I/O port. When high, it disables the WR and RD
inputs and forces the interface into a high-Z state.
Input Format
The control byte is latched into the device, on pins
D7–D0, during a write cycle. Table 1 shows the control-
byte format.
Output Data Format
The output data format is binary in unipolar mode and
twos-complement binary in bipolar mode. When read-
ing the output data, CS and RD must be low. When
HBEN is low, the lower eight bits are read. When HBEN
is high, the upper four MSBs are available and the out-
put data bits D4–D7 are either set low (in unipolar
mode) or set to the value of the MSB (in bipolar mode)
(Table 5).
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
_______________________________________________________________________________________
9
Table 1. Control-Byte Format
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
PD1
PD0
ACQMOD
RNG
BIP
A2
A1
A0
Table 3. Clock and Power-Down Selection
PD1 PD0
DEVICE MODE
0
0
Normal Operation / External Clock Mode
0
1
Normal Operation / Internal Clock Mode
1
0
Standby Power-Down (STBYPD); clock mode
is unaffected
1
1
Full Power-Down (FULLPD); clock mode is
unaffected
Table 2. Range and Polarity Selection
BIP
RNG
INPUT RANGE (V)
0
0
0 to VREF/2
0
1
0 to VREF
1
0
±VREF/2
1
1
±VREF
Table 4. Channel Selection
A2
A1
A0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
0
0
0
∗
0
0
1
∗
0
1
0
∗
0
1
1
∗
1
0
0
∗
1
0
1
∗
1
1
0
∗
1
1
1
∗
BIT
NAME
DESCRIPTION
7, 6
PD1, PD0
These two bits select the clock and power-down modes (Table 3).
5
ACQMOD
0 = internally controlled acquisition (6 clock cycles), 1 = externally controlled acquisition
4
RNG
Selects the full-scale voltage magnitude at the input (Table 2).
3
BIP
Selects unipolar or bipolar conversion mode (Table 2).
2, 1, 0
A2, A1, A0
These are address bits for the input mux to select the “on” channel (Table 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com