Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX199AEAI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX199AEAI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199AEAI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX199AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
External Clock Mode
Select external clock mode by writing the control byte
with D7 = 0 and D6 = 0. Figure 8 shows CLK and WR
timing relationships in internal and external acquisition
modes, with an external clock. A 100kHz to 2.0MHz
external clock with 45% to 55% duty cycle is required
for proper operation. Operating at clock frequencies
lower than 100kHz will cause a voltage droop across
the hold capacitor, and subsequently degrade perfor-
mance.
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
12
______________________________________________________________________________________
WR
CLK
CLK
WR
WR GOES HIGH WHEN CLK IS HIGH
WR GOES HIGH WHEN CLK IS LOW
tCWS
tCWH
ACQUISITION STARTS
ACQUISITION STARTS
CONVERSION STARTS
CONVERSION STARTS
ACQUISITION ENDS
ACQUISITION ENDS
ACQMOD = "0"
ACQMOD = "0"
Figure 8a. External Clock and WR Timing (Internal Acquisition Mode)
WR
CLK
CLK
WR
WR GOES HIGH WHEN CLK IS HIGH
WR GOES HIGH WHEN CLK IS LOW
tDH
tDH
tCWH
tCWS
ACQUISITION STARTS
ACQUISITION STARTS
CONVERSION STARTS
CONVERSION STARTS
ACQUISITION ENDS
ACQUISITION ENDS
ACQMOD = "1"
ACQMOD = "1"
ACQMOD = "0"
ACQMOD = "0"
Figure 8b. External Clock and WR Timing (External Acquisition Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com