Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX199AEAI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX199AEAI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199AEAI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX199AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
-0.150
0
1000
3000
INTEGRAL NONLINEARITY
vs. DIGITAL CODE
-0.050
0.250
DIGITAL CODE
2000
4000
0.150
0.050
-0.100
0
0.200
0.100
0
-120
050
25
FFT PLOT
-100
-60
-40
-20
FREQUENCY (kHz)
-80
fTONE = 10kHz
fSAMPLE = 100kHz
10.0
1
10
100
EFFECTIVE NUMBER OF BITS
vs. INPUT FREQUENCY
10.5
INPUT FREQUENCY (kHz)
11.0
11.5
12.0
fSAMPLE = 100kHz
4.100
4.080
-55 -35
45
105 125
TEMPERATURE (°C)
-15
525
65
85
4.095
4.090
4.085
REFERENCE OUTPUT VOLTAGE (VREF)
vs. TEMPERATURE
REFADJ
AV = 1.6384
REF
+2.5V
INTERNAL
REFERENCE
0.33
0.27
-70 -50
50
110 130
TEMPERATURE (°C)
-30 -10 10 30
70 90
0.32
0.30
0.29
0.28
0.31
CHANNEL-TO-CHANNEL
GAIN-ERROR MATCHING vs. TEMPERATURE
-70 -50
50
110 130
TEMPERATURE (°C)
-30 -10 10
30
70 90
0.2
0.4
-0.2
-0.4
-0.6
0
POWER-SUPPLY REJECTION RATIO
vs. TEMPERATURE
100Hz
120Hz
VDD = 5V ±0.25V
0.10
-70 -50
50
110 130
TEMPERATURE (°C)
-30 -10 10 30
70 90
0.20
0.16
0.14
0.12
0.18
CHANNEL-TO-CHANNEL
OFFSET-ERROR MATCHING vs. TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com