Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX199AEAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX199AEAI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199AEAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX199AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX199AEAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
How to Read a Conversion
A standard interrupt signal, INT, is provided to allow the
device to flag the µP when the conversion has ended
and a valid result is available. INT goes low when the
conversion is complete and the output data is ready
(Figures 5 and 6). It returns high on the first read cycle
or if a new control byte is written.
Clock Modes
The MAX199 operates with either an internal or an
external clock. Control bits (D6, D7) select either inter-
nal or external clock mode. Once the desired clock
mode is selected, changing these bits to program
power-down will not affect the clock mode. In each
mode, internal or external acquisition can be used. At
power-up, the MAX199 defaults to external clock mode.
Internal Clock Mode
Select internal clock mode to free the µP from the
burden of running the SAR conversion clock. To select
this mode, write the control byte with D7 = 0 and D6 = 1.
A 100pF capacitor between the CLK pin and ground
sets this frequency to 1.56MHz nominal. Figure 7
shows a linear relationship between the internal clock
period and the value of the external capacitor used.
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
______________________________________________________________________________________
11
tCS
tCSWS
tWR
tACQI
tCONV
tDH
tDS
tINT1
tD0
tD01
tTR
tCSHW
tCSRS
tCSRH
ACQMOD = "1"
CS
WR
D7–D0
INT
RD
HBEN
DOUT
ACQMOD = "0"
HIGH / LOW
BYTE VALID
HIGH-Z
HIGH-Z
HIGH / LOW
BYTE VALID
CONTROL
BYTE
CONTROL
BYTE
Figure 6. Conversion Timing Using External Acquisition Mode
2000
0
0
50
250
350
500
CLOCK PIN CAPACITANCE (pF)
100
150 200
300
1500
1000
Figure 7. Internal Clock Period vs. Clock Pin Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com