Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2321 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX2321
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2321 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX2321 Datasheet HTML 12Page - Maxim Integrated Products MAX2321 Datasheet HTML 13Page - Maxim Integrated Products MAX2321 Datasheet HTML 14Page - Maxim Integrated Products MAX2321 Datasheet HTML 15Page - Maxim Integrated Products MAX2321 Datasheet HTML 16Page - Maxim Integrated Products MAX2321 Datasheet HTML 17Page - Maxim Integrated Products MAX2321 Datasheet HTML 18Page - Maxim Integrated Products MAX2321 Datasheet HTML 19Page - Maxim Integrated Products MAX2321 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
16
______________________________________________________________________________________
MAX2322 Operation
The MAX2322 is a lower-cost PCS-only version that can
be installed as a drop-in replacement for the dual-band
versions. It consists of a PCS LNA, PCS mixer, pin-
selectable LO frequency doubler, and LO buffer. Logic
input SHDN = VCC / GND turns on/off the entire IC
except the LO buffer. The LOX2 logic input controls the
LO frequency doubler. LOX2 = GND disables the dou-
bler when using a PCS band VCO, and LOX2 = VCC
activates the doubler when using a cellular-band VCO.
GAIN and LIN logic inputs control the MAX2322’s three
operational modes, as summarized in Table 2.
MAX2324 Operation
The MAX2324 is a lower-cost cellular-only version that
can be installed as a drop-in replacement for the dual-
band versions. It consists of a cellular LNA, cellular dig-
ital mixer, cellular FM mixer, and LO buffer. A SHDN
logic input turns on/off the entire IC except the LO
buffer. GAIN and LIN logic inputs control the
MAX2324’s three operational modes, as summarized in
Table 3.
MAX2327 Operation
The MAX2327 is similar to the MAX2320 except it only
features an HGLL mode, and either LO output buffer is
selectable during shutdown. It consists of PCS and cel-
lular LNAs; PCS, cellular digital, and cellular FM mixers;
and PCS and cellular LO buffers. A SHDN logic input
turns on/off the entire IC except the LO buffer. BAND
and MODE logic inputs control the MAX2327’s three
operational modes, as summarized in Table 4.
Applications Information
Cascaded LNA/Mixer Performance
The LNA and mixer design aims at optimizing cascad-
ed performance in all gain and linearity modes. In high-
gain, high-linearity mode, both the LNA and mixer have
a low noise figure, high gain, and high linearity. The
LNA has high gain to minimize the noise contribution of
the mixer, thus increasing the receiver’s sensitivity and
extra-high linearity for superior cross-modulation sup-
pression. The HGLL mode is used when the transmitter
is off and cross-modulation is not a concern. In low-
gain, high-linearity mode, the received signal is strong
enough that linearity is the primary concern. The LNA
gain is reduced for higher system linearity. Tables 5
and 6 summarize the cascaded performance.
S Parameters
The S parameters are listed in Tables 7–11. An electron-
ic copy is also available at www.maxim-ic.com
/MAX2320/S_table/.
Table 2. MAX2322 Operational Modes
Table 4. MAX2327 Operational Modes
OPERATIONAL MODE
Not used.
Digital PCS Mode. The LNA and mixer
are in HGLL mode.
FM Mode. The cellular FM mixer is
selected.
Digital Cellular Mode. The cellular digi-
tal mixer is selected.
BAND
L
L
H
H
MODE
L
H
L
H
OPERATIONAL MODE
FM Mode. The LNA is in HGLL mode.
The FM mixer and the associated LO
buffer are selected.
Low-Gain, High-Linearity (LGHL)
Cellular Mode. The LNA and digital
mixer are in LGHL mode.
High-Gain, Low-Linearity (HGLL )
Cellular Mode. The LNA and digital
mixer are in HGLL mode.
High-Gain, High-Linearity (HGHL )
Cellular Mode. The LNA and digital
mixer are in HGHL mode.
GAIN
L
L
H
H
LIN
L
H
L
H
OPERATIONAL MODE
Not used.
Low-Gain, High-Linearity (LGHL) PCS
Mode. The LNA and mixer are in LGHL
mode.
High-Gain, Low-Linearity (HGLL) PCS
Mode. The LNA and mixer are in HGLL
mode.
High-Gain, High-Linearity (HGHL) PCS
Mode. The LNA and mixer are in HGHL
mode.
GAIN
L
L
H
H
LIN
L
H
L
H
Note: L = Logic Low; H = Logic High
Note: L = Logic Low; H = Logic High
Note: L = Logic Low; H = Logic High
Table 3. MAX2324 Operational Modes


Similar Part No. - MAX2321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Similar Description - MAX2321

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com