Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR36021 Datasheet(PDF) 22 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 22 Page - International Rectifier

Back Button IR36021 Datasheet HTML 18Page - International Rectifier IR36021 Datasheet HTML 19Page - International Rectifier IR36021 Datasheet HTML 20Page - International Rectifier IR36021 Datasheet HTML 21Page - International Rectifier IR36021 Datasheet HTML 22Page - International Rectifier IR36021 Datasheet HTML 23Page - International Rectifier IR36021 Datasheet HTML 24Page - International Rectifier IR36021 Datasheet HTML 25Page - International Rectifier IR36021 Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
22
LOAD LINE 
The  IR36021  enables  the  implementation  of  accurate, 
temperature  compensated  load  lines  on  both  loops.  
The  load  line  is  set  by  an  external  resistor  RCS,  as  shown  
in  Figure  24  and  the  nominal  value  must  also  be  stored  
in  MTP.  The  stored  load  line,  scaling  and  gain  values 
provides the IR36021 with the scaling factor for the digital 
computation  of  the  total  current  to  determine  the  OCP 
threshold and I2C current and output voltage reporting. 
The load line ranges for IR36021 are shown in Table 7. 
TABLE 7: LOAD LINE SETTINGS 
 
Loop #1 
Loop #2 
Minimum 
0.0 mΩ 
0.0 mΩ 
Maximum 
6.375 mΩ 
12.75 mΩ 
Resolution 
0.025 mΩ 
0.050 mΩ 
 
Figure 24 shows a typical 1.3mΩ loadline measurement 
with minimum and maximum error ranges. The controller 
accuracy lies well within common processor requirements. 
For  each  loop,  the  sensed  current  from  all  the  active 
phases is summed and applied to a resistor network across 
the  RSCP  and  RCSM  pins.  This  generates  a  precise 
proportional  voltage  which  is  summed  with  the  sensed 
output  voltage  and  VID  DAC  reference  to  form  the  error 
voltage.  Also  part  of  the  network  shown  in  Figure  32  
is  thermistor,  RTh.  For  proper  loadline  temperature 
compensation, the thermistor is placed near the phase one 
inductor to accurately sense the inductor temperature. 
 
Figure 24: Load Line & Thermal Compensation 
The resistor RCS is calculated using the following procedure: 
First  the  designer  calculates  the  RCSeffective  or  the  total 
effective  parallel  resistance  across  the  RSCP  and  RCSM 
pins. It is defined by: 
DCR
R
ISEN
R
R
LL
effective
CS
_
8
 
Where  RLL  is  the  desired  loadline,  typically  1.0mΩ,  
DCR  is  DC  resistance  of  the  phase  inductor,  and  R_ISEN  
is  the  series  resistor  across  the  inductor  sense  circuit.  
The  required  value  for  R_ISEN  is  a  301Ω,  1%  tolerance.  
Then  the  designer  chooses  a  suitable  NTC  thermistor. 
Thermistor  Rth  is  typically  selected  to  have  the  lowest 
thermal  coefficient  and  tightest  tolerance  in  a  standard 
available package. A typical value for the NTC will be 10kΩ, 
1%  tolerance.  Recommended  thermistors  are  shown  in 
Table 8. 
TABLE 8: 10K 1% NTC THERMISTORS 
Murata 
NCP18XH103F03RB 
Panasonic 
ERTJ1VG103FA 
TDK 
NTCG163JF103F 
 
Then  the  designer  calculates  RCS  using  the  following 
equation: 
Th
series
effective
CS
CS
R
1
R
2
R
1
1
R
. 
Rseries  is  selected  to  achieve  minimum  loadline  error  over 
temperature. The  IR  DPDC  (GUI)  provides  a  graphical  tool 
that  allows  the  user  to  easily  calculate  the  resistor  values 
for minimum error.  
The capacitor CCS is defined by the following equation: 
AVP
CS
f
ve
RCSeffecti
C
2
1
 
where,  fAVP  is  the  user  selectable  current  sense  AVP 
bandwidth.  The  best  bandwidth  is  typically  in  the  range  
of 200kHz to 300kHz. 
Setting 0mΩ Loadline 
The  load  line  is  turned  off  by  setting  a  digital  bit  in  the 
IR36021 register map. This is a separate bit from the load 
line settings for each loop. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com