Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR36021 Datasheet(PDF) 34 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 34 Page - International Rectifier

Back Button IR36021 Datasheet HTML 30Page - International Rectifier IR36021 Datasheet HTML 31Page - International Rectifier IR36021 Datasheet HTML 32Page - International Rectifier IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier IR36021 Datasheet HTML 35Page - International Rectifier IR36021 Datasheet HTML 36Page - International Rectifier IR36021 Datasheet HTML 37Page - International Rectifier IR36021 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
34
 
TABLE 32: OVERCLOCK VMAX 
Register 
Value 
Vmax  
0 
0.645 
1 
0.765 
2 
0.885 
3 
1.005 
4 
1.125 
5 
1.245 
6 
1.365 
7 
1.485 
8 
1.605 
9 
1.725 
10 
1.845 
11 
1.965 
12 
2.085 
13 
2.205 
14 
2.325 
15 
2.445 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
TABLE 33: GAMER COMMAND FORMAT 
Bits 
Function 
15‐13 
Reserved. Always set to “001”b 
12 
Gamer Mode Enable/Disable 
11 
VID Follow or VID Override Mode 
10:9 
Loadline scale 100%, 80%, 60%, 0% 
8:0 
Gamer VID[8:0] 
 
Overclock Mode Recovery 
Raising the CPU voltage to achieve higher performance or 
lowering  the  CPU  voltage  to  save  power  can  result  in  a 
system  crash.  The  IR36021  contains  a  safety  mechanism 
whereby the Overclock Mode is immediately disabled any 
time  the  ENABLE  pin  is  driven  low  (typically  by  a  system 
restart).  This  ensures  that  the  CPU  starts  at  the  proper 
boot VID. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com