Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR36021 Datasheet(PDF) 30 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 30 Page - International Rectifier

Back Button IR36021 Datasheet HTML 26Page - International Rectifier IR36021 Datasheet HTML 27Page - International Rectifier IR36021 Datasheet HTML 28Page - International Rectifier IR36021 Datasheet HTML 29Page - International Rectifier IR36021 Datasheet HTML 30Page - International Rectifier IR36021 Datasheet HTML 31Page - International Rectifier IR36021 Datasheet HTML 32Page - International Rectifier IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
30
TABLE 20: TELEMETRY BAND‐WIDTH 
52Hz / Slow 
3.2Hz / Very Slow 
Refer to electrical table for Iout filter values
 
I_CRITICAL has a 5% hysteresis level and the VR_HOT_ICRIT 
pin  will  de‐assert  when  the  average  output  current  level 
drops  below  95%  of  the  programmed  current  level 
threshold.  
Pin Critical Flag 
Additionally  the  IR36021  can  be  programmed  to  assert 
VR_HOT_ICRIT pin when a user programmable input power 
level  is  exceeded.  The  assertion  is  not  a  fault  and  the  VR 
continues to regulate. PIN_CRITICAL monitors a long term 
average  input  power  as  calculated  from  the  output 
current.  The  equation  below  shows  the  calculation 
performed  by  the  IC  to  determine  the  average  input 
power. 
PIN
Iout D
VIN
Where D is the duty cycle and η is the efficiency (fixed at 
85%). 
The PIN_CRITICAL power level can be programmed in MTP 
in 4W steps up to 252W, and if set (must be >4W), is wired 
OR’d into the VR_HOT_ICRIT pin. PIN_CRITICAL has a fixed 
4W  hysteresis  level  and  the  VR_HOT_ICRIT  pin  will  de‐
assert  when  the  power  level  drops  4W  below  the 
programmed input power level threshold. 
VR_HOT_ICRIT Pin Functionality Options 
The  functionality  of  the  VR_HOT_ICRIT  pin  can  be  set  to 
assert  when  levels  of  Temp_max,  Icc_max,  and/or  OCP 
levels  are  exceeded.  Table  21  shows  the  multiple 
configurations of the VR_HOT_ICRIT pin. 
TABLE 21: VR_HOT_ICRIT PIN OPTIONS 
Temp_max Only 
Temp_max or Icc_max 
Temp_max or OCP 
Icc_max Only 
 
 
Input Over‐voltage Protection 
IR36021  monitors  the  input  voltage  (12V  main  power 
supply)  via  VINSEN  pin.  If  input  under‐voltage  protections 
is enabled, the VINSEN pin is compared to a fixed threshold 
and  the  IC  will  shut  down  if  the  threshold  is 
exceeded(Table 22).  
TABLE 22: INPUT OVER‐VOLTAGE OPTIONS 
 
Threshold with 
14:1 divider 
Threshold with 
22:1 divider 
disabled 
‐ 
‐ 
enabled 
14.5V 
23.5V 
 
I2C/PMBUS COMMUNICATION 
The  IR36021  simultaneously  supports  I2C  and  PMBus 
through  the  use  of  exclusive  addressing.  The  I2C  and 
PMBus  address  for  the  IR36021  is  programmed  by  MTP 
bits  (I2C_Addr<6:0>)  in  Table  23,  and  (PMBus_Addr<3:0>) 
in Table 24. This means that a motherboard PMBus master 
may  communicate  with  typically  up  to  8  dual  loops,  or  if 
used  as  single  loop  controllers,  as  many  as  16  IR36021‐
based  VRs.  Optionally,  a  resistor  offset  can  be  enabled  as 
shown in Tables 25 and 26 (note that a 0.01uF capacitor is 
required across the resistor per Figure 37). As an example, 
setting a base I2C address of 28h with a resistor offset of 
+15  sets  the  I2C  address  to  37h.  Similarly  setting  a  base 
PMBus address of 40h with a resistor offset of +15 sets the 
PMBus  address  to  77h.  Note  that  a  single  I2C  address 
operates  both  loops  whereas  Table  24  sets  the  PMBus 
address  of  Loop  1,  while  Loop  2  is  offset  higher  by  the 
Chip_Addr_Offset register which is defaulted to 1.  
Offset
Addr
Chip
PMaddress
PMaddress
Loop
Loop
_
_
1
2
  
The  IR36021  can  also  set  the  I2C  address  independently 
from the PMBus address. By using a 7‐bit address the user 
can  configure  the  device  to  any  one  of  127  different  I2C 
addresses. Note that I2C address 00h is not allowed. This is 
an  I2C  broadcast  address.  Setting  the  I2C  address  to  00h 
forces  the  I2C  address  to  follow  the  PMBus  address  per 
Table 24. 
Once  the  address  of  the  IR36021  is  set,  it  is  locked  to 
protect it from being overridden.  
For  unprogrammed  devices,  the  I2C/PMBus  address  can  
be temporarily forced to address 0Ah for I2C and 0Dh for 
PMBus by setting EN=VR_HOT=low. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com