Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR36021 Datasheet(PDF) 35 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 35 Page - International Rectifier

Back Button IR36021 Datasheet HTML 31Page - International Rectifier IR36021 Datasheet HTML 32Page - International Rectifier IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier IR36021 Datasheet HTML 35Page - International Rectifier IR36021 Datasheet HTML 36Page - International Rectifier IR36021 Datasheet HTML 37Page - International Rectifier IR36021 Datasheet HTML 38Page - International Rectifier IR36021 Datasheet HTML 39Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
35
I2C PROTOCOLS 
 
 All registers may be accessed using either I2C or PMBus protocols. I2C allows the use of a simple format whereas PMBus 
provides error checking capability. Figure 41 shows the I2C format employed by the IR36021. 
 
Figure 41: I2C Format 
 
SMBUS/PMBUS PROTOCOLS 
To access IR’s configuration and monitoring registers, 4 different protocols are required: 
 the SMBus Read/Write Byte/Word protocol with/without PEC (for status and monitoring) 
 the SMBus Send Byte protocol with/without PEC (for CLEAR_FAULTS only) 
 the SMBus Block Read protocol for accessing Model and Revision information 
 the SMBus Process call (for accessing Configuration Registers) 
An explanation of which command codes and protocols are required to access them is given in Table 34.  
In addition, the IR36021 supports: 
 Alert Response Address (ARA) 
 Bus timeout (10ms) 
 Group Command for writing to many VRs within one command 
 
 
Figure 42: SMBus Write Byte/Word  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com