Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4131C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4131C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
9
__________Applications Information
Rail-to-Rail Input Stage
Devices in the MAX4130–MAX4134 family of high-
speed amplifiers have rail-to-rail input and output
stages designed for low-voltage, single-supply opera-
tion. The input stage consists of separate NPN and
PNP differential stages that combine to provide an
input common-mode range that extends 0.2V beyond
the supply rails. The PNP stage is active for input volt-
ages close to the negative rail, and the NPN stage is
active for input voltages near the positive rail. The input
offset voltage is typically below 200µV. The switchover
transition region, which occurs near VCC / 2, has been
extended to minimize the slight degradation in com-
mon-mode rejection ratio caused by the mismatch of
the input pairs. Their low offset voltage, high band-
width, and rail-to-rail common-mode range make these
op amps excellent choices for precision, low-voltage
data-acquisition systems.
Since the input stage switches between the NPN and
PNP pairs, the input bias current changes polarity as
the input voltage passes through the transition region.
Reduce the offset error caused by input bias currents
flowing through external source impedances by match-
ing the effective impedance seen by each input
(Figures 1a, 1b). High source impedances, together
with input capacitance, can create a parasitic pole that
produces an underdamped signal response. Reducing
the input impedance or placing a small (2pF to 10pF)
capacitor across the feedback resistor improves
response.
The MAX4130–MAX4134’s inputs are protected from
large differential input voltages by 1k
Ω series resistors
and back-to-back triple diodes across the inputs
(Figure 2). For differential input voltages less than 1.8V,
input resistance is typically 500k
Ω. For differential input
voltages greater than 1.8V, input resistance is approxi-
mately 2k
Ω. The input bias current is given by the fol-
lowing equation:
I
=
V
- 1.8V
2k
BIAS
DIFF
Ω
1k
1k
Figure 2. Input Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com