Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4131C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4131C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
7
140
80
10k
1k
100k
10M
1M
CHANNEL SEPARATION
vs. FREQUENCY
FREQUENCY (Hz)
100
90
130
110
120
VS = +5V
10
100k
10k
FREQUENCY (Hz)
100
1k
0.030
0
0.005
0.010
0.015
0.020
0.025
TOTAL HARMONIC DISTORTION
AND NOISE vs. FREQUENCY
2Vp-p SIGNAL
500kHz LOWPASS FILTER
RL = 10kΩ TO VCC / 2
0.1
0.001
4.0
4.4
4.2
5.0
4.8
4.6
TOTAL HARMONIC DISTORTION AND NOISE
vs. PEAK-TO-PEAK SIGNAL AMPLITUDE
PEAK-TO-PEAK SIGNAL AMPLITUDE (V)
0.01
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
RL = 250Ω
AV = +1
10kHz SINE WAVE
RL TO VCC / 2
500kHz LOWPASS FILTER
IN
TIME (200ns/div)
OUT
MAX4131
SMALL-SIGNAL TRANSIENT
RESPONSE (NONINVERTING)
AV = +1
IN
TIME (200ns/div)
OUT
MAX4131
SMALL-SIGNAL TRANSIENT
RESPONSE (INVERTING)
AV = -1
IN
TIME (2
µs/div)
OUT
MAX4131
LARGE-SIGNAL TRANSIENT
RESPONSE (NONINVERTING)
AV = +1
IN
TIME (2
µs/div)
OUT
MAX4131
LARGE-SIGNAL TRANSIENT
RESPONSE (INVERTING)
AV = -1
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, VCM = VCC / 2, TA = +25°C, unless otherwise noted.)
160
0
-40 -25 -10
5
20
35
50
65
80
95
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
20
140
120
TEMPERATURE (°C)
100
80
60
40
RL TO VCC
VCC = +6.5V, RL = 500Ω
VCC = +2.7V, RL = 100kΩ
VCC = +2.7V, RL = 500Ω
VCC = +6.5V, RL = 100kΩ
0
50
100
150
200
250
300
-40 -25 -10
5
20
35
50
65
80
95
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
RL TO VEE
VCC = +6.5V, RL = 500Ω
VCC = +2.7V, RL = 100kΩ (BOTTOM)
VCC = +2.7V, RL = 500Ω
VCC = +6.5V, RL = 100kΩ (TOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com