Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4131C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4131C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
10
______________________________________________________________________________________
Rail-to-Rail Output Stage
The minimum output voltage is within millivolts of
ground for single-supply operation where the load is
referenced to ground (VEE). Figure 3 shows the input
voltage range and output voltage swing of a MAX4131
connected as a voltage follower. With a +3V supply
and the load tied to ground, the output swings from
0.00V to 2.90V. The maximum output voltage swing
depends on the load, but will be within 150mV of a +3V
supply, even with the maximum load (500
Ω to ground).
Driving a capacitive load can cause instability in most
high-speed op amps, especially those with low quies-
cent current. The MAX4130–MAX4134 have a high tol-
erance for capacitive loads. They are stable with
capacitive loads up to 160pF. Figure 4 gives the stable
operating region for capacitive loads. Figures 5 and 6
show the response with capacitive loads and the
results of adding an isolation resistor in series with the
output (Figure 7). The resistor improves the circuit’s
phase margin by isolating the load capacitor from the
op amp’s output.
IN
TIME (1
µs/div)
OUT
VCC = 3V, RL = 10kΩ to VEE
Figure 3. Rail-to-Rail Input/Output Voltage Range
500
0
50
100
150
200
300
350
400
450
0.1
1
100
10
LOAD RESISTANCE (k
Ω)
250
UNSTABLE
OPERATING
REGION
STABLE
OPERATING
REGION
RL to VEE
VOUT = VCC/2
Figure 4. Capacitive-Load Stability
IN
TIME (200ns/div)
OUT
VCC = 5V
RL = 10kΩ
CL = 130pF
Figure 5. MAX4131 Small-Signal Transient Response with
Capacitive Load
Figure 6. MAX4131 Transient Response to Capacitive Load
with Isolation Resistor
IN
TIME (500ns/div)
OUT
VCC = 5V
CL = 1000pF
RS = 39Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com