Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4131C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4131C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4131C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply Rail-to-Rail I/O Op Amps
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = VCC / 2, RL tied to VCC / 2, SHDN ≥ 2V (or open), TA = -40°C to +85°C, unless
otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, SHDN ≥ 2V (or open), TA = +25°C, unless otherwise noted.)
f = 10kHz, VOUT = 2Vp-p (AV = 1)
VCC = 0V to 3V step, VOUT = VCC / 2
µs
AV = 1, VOUT = 2V step
1
pF
Turn-On Time
3
Input Capacitance
f = 1kHz
pA/
√Hz
f = 1kHz
0.4
Input Noise Current Density
%
nV/
√Hz
0.003
22
Input Noise Voltage Density
CONDITIONS
AV = 1
pF
160
Capacitive Load Stability
Disable
Enable
MAX4131–MAX4134, VCC = 3V,
VOUT = VCC / 2
µs
0.2
SHDN Delay
Total Harmonic Distortion
V/µs
4
Slew Rate
µs
2.0
Settling Time to 0.01%
1
MHz
10
Gain-Bandwidth Product
degrees
62
Phase Margin
dB
12
Gain Margin
UNITS
MIN
TYP
MAX
PARAMETER
86
Large-Signal Voltage Gain
68
VOUT = 0.25V to 4.75V, RL = 100kΩ
VOUT = 0.4V to 4.6V, RL = 250Ω
VCC = 5V
84
dB
66
VOUT = 0.25V to 2.45V, RL = 100kΩ
VOUT = 0.4V to 2.3V, RL = 250Ω
VCC = 2.7V
Off-Leakage Current
±12
µA
SHDN < 0.8V, VOUT = 0V to VCC
MAX4130/
MAX4131
190
VOL - VEE
25
300
MAX4132/
MAX4133/
MAX4134
250
Output Voltage Swing
VOL - VEE
35
350
mV
50
RL = 100kΩ
RL = 250Ω
VCC - VOH
VOL - VEE
VCC - VOH
40
RL = 100kΩ
RL = 250Ω
VCC - VOH
VOL - VEE
VCC - VOH
PARAMETER
MIN
TYP
MAX
UNITS
Shutdown Supply Current
per Amplifier
70
µA
Power-Supply Rejection Ratio
74
dB
0.8
V
SHDN < 0.8V, MAX4131–MAX4134
Operating Supply-Voltage Range
2.7
6.5
V
1100
µA
VCM = VOUT = VCC / 2
VCC = 2.7V
SHDN Input Current
Low
±3
CONDITIONS
µA
50
MAX4131—MAX4134
VCC = 2.7V to 6.5V
VCC = 2.7V
VCC = 5V
MAX4131–MAX4134
Supply Current per Amplifier
SHDN Logic Threshold
1200
2.0
High
VCC = 5V
MAX4131–MAX4134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com