Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX448CSD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX448CSD
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX448CSD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX448CSD Datasheet HTML 4Page - Maxim Integrated Products MAX448CSD Datasheet HTML 5Page - Maxim Integrated Products MAX448CSD Datasheet HTML 6Page - Maxim Integrated Products MAX448CSD Datasheet HTML 7Page - Maxim Integrated Products MAX448CSD Datasheet HTML 8Page - Maxim Integrated Products MAX448CSD Datasheet HTML 9Page - Maxim Integrated Products MAX448CSD Datasheet HTML 10Page - Maxim Integrated Products MAX448CSD Datasheet HTML 11Page - Maxim Integrated Products MAX448CSD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
_______________________________________________________________________________________
9
Figure 3. Frequency and Time Domain Response Characteristics, AV = 3
RL = 2Ω
CL = 50pF
RL = 50Ω
CL = 5pF
SMALL SIGNAL STEP RESPONSE
eIN
eO
eIN
eO
R1 = 1kΩ
R2 = 2k
Ω
eo / eIN = (1 + R2 / R1) = 3V/V
RL
eIN
CL
eO
20
10
15
-10
10MHz
1GHz
OPEN LOOP FREQUENCY RESPONSE
5
0
-5
60
180
120
240
300
360
FREQUENCY
100MHz
RL = 50Ω
CL = 5pF
AV,
RL = 2kΩ
CL = 50pF
φ,
RL = 2kΩ
CL = 50pF
AV,
RL = 50Ω
CL = 5pF
φ,
20
15
-10
1MHz
10MHz
100MHz
1GHz
CLOSED LOOP FREQUENCY RESPONSE
0
-5
315
270
225
180
135
90
45
0
10
5
FREQUENCY
RL = 50Ω
CL = 5pF
AV,
RL = 2kΩ
CL = 50pF
φ,
RL = 2kΩ
CL = 50pF
AV,
RL = 50Ω
CL = 5pF
φ,
R1 = 1k,
R2 = 2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com