Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX448CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX448CSD
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX448CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX448CSD Datasheet HTML 1Page - Maxim Integrated Products MAX448CSD Datasheet HTML 2Page - Maxim Integrated Products MAX448CSD Datasheet HTML 3Page - Maxim Integrated Products MAX448CSD Datasheet HTML 4Page - Maxim Integrated Products MAX448CSD Datasheet HTML 5Page - Maxim Integrated Products MAX448CSD Datasheet HTML 6Page - Maxim Integrated Products MAX448CSD Datasheet HTML 7Page - Maxim Integrated Products MAX448CSD Datasheet HTML 8Page - Maxim Integrated Products MAX448CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX448
(VS = ±5V, TA = +25°C, unless otherwise noted.)
Note 1: Not tested, guaranteed by design.
AC CHARACTERISTICS—MAX408/428/448
(VS = ±5V, TA = +25°C, unless otherwise specified.)
MIN
TYP
MAX
MIN
TYP
MAX
MAX408AC
48
310
+3
+3.5
-4
-4.5
35
120
3
12
410
36
510
20
650
1100
1700
±3.5
±2.5
±2.7
30
40
60
66
60
70
60
90
150
200
100
PARAMETER
SYMBOL
MAX408C
UNITS
Common Mode Input
Resistance
RINC
48
M
Ω
Differential Input Resistance
RIND
310
M
Ω
Input Common Mode Range
VCM
+3
+3.5
-4
-4.5
V
Input Offset Current
IOS
35
120
nA
Differential Input Capacitance
CIND
2
pF
Common Mode Input
Capacitance
CINC
3
pF
Input Voltage Noise
eN
12
µVRMS
Open Loop Voltage Gain
AV
25
V/mV
Average Offset Voltage Drift
Input Offset Voltage
VOS
512
816
mV
∆VOS/∆T
20
µV/°C
Input Bias Current
IB
650
1100
1700
nA
Output Voltage Swing
VOUT
±3.5
±2.0
±2.4
V
Power Supply Current
(All Four Amplifiers)
IS
30
40
mA
Power Supply Rejection Ratio
PSRR
60
66
dB
Common Mode Rejection Ratio
CMRR
60
70
dB
Slew Rate (Note 1)
SR
60
90
V/µS
Settling Time
tS
150
200
ns
Gain Bandwidth Product
GBW
100
MHz
CONDITIONS
RL = 2kΩ
RL = 150Ω
(Note 1)
(Note 1)
∆VPS = ±0.5V
VCM = ±2V
BW = 10Hz to 100kHz
VOUT = ±3V, RL = 2kΩ
10–90% of Leading
Edge (Figure 1)
To ±0.1% (±4mV) of
Final Value (Figure 1)
(Note 1)
TA = 25°C
0°C
≤ TA ≤ 70°C
0°C < TA ≤ 70°C
TA = 25°C
0°C
≤ TA ≤ 70°C
MIN
TYP
MAX
MIN
TYP
MAX
MAX4XXC
7
4.8
-96
PARAMETER
SYMBOL
MAX4XXC
UNITS
Full Power Bandwidth
Small Signal Rise/Fall Time
tr/tf
7
ns
BWFP
4.8
MHz
Amp-Amp Crosstalk
(MAX428/448)
-96
dB
CONDITIONS
eO = ±100mV
10–90% (Figure 1)
RL = 2kΩ, CL = 50pF
VOUT = 6Vp-p
Input Referenced
f = 10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com