Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX448CSD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX448CSD
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX448CSD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX448CSD Datasheet HTML 1Page - Maxim Integrated Products MAX448CSD Datasheet HTML 2Page - Maxim Integrated Products MAX448CSD Datasheet HTML 3Page - Maxim Integrated Products MAX448CSD Datasheet HTML 4Page - Maxim Integrated Products MAX448CSD Datasheet HTML 5Page - Maxim Integrated Products MAX448CSD Datasheet HTML 6Page - Maxim Integrated Products MAX448CSD Datasheet HTML 7Page - Maxim Integrated Products MAX448CSD Datasheet HTML 8Page - Maxim Integrated Products MAX448CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX428
(VS = ±5V, TA = +25°C, unless otherwise noted.)
TA = 25°C
0°C
≤ TA ≤ 70°C
0°C
≤ TA ≤ 70°C
TA = 25°C
0°C
≤ TA ≤ 70°C
To ±0.1% (±4mV) of
Final Value (Figure 1)
(Note 1)
10–90% of Leading
Edge (Figure 1)
VOUT = ±3V, RL = 2kΩ
BW = 10Hz to 100kHz
∆VPS = ±0.5V
VCM = ±2V
(Note 1)
(Note 1)
RL = 2kΩ
RL = 150Ω
CONDITIONS
MHz
100
GBW
Gain Bandwidth Product
ns
150
200
tS
Settling Time
V/µS
60
90
SR
Slew Rate (Note 1)
dB
60
66
PSRR
Power Supply Rejection Ratio
dB
60
70
CMRR
Common Mode Rejection Ratio
mA
15
20
IS
Power Supply Current
(Both Amplifiers)
V
±3.5
±2.0
±2.4
VOUT
Output Voltage Swing
mA
650
1100
1700
IB
Input Bias Current
µV/°C
20
∆VOS/∆T
mV
512
816
VOS
Input Offset Voltage
Average Offset Voltage Drift
V/mV
25
AV
Open Loop Voltage Gain
µVRMS
12
eN
Input Voltage Noise
pF
3
CINC
Common Mode Input
Capacitance
pF
2
CIND
Differential Input Capacitance
nA
35
120
IOS
Input Offset Current
V
+3
+3.5
-4
-4.5
VCM
Input Common Mode Range
M
Ω
310
RIND
Differential Input Resistance
M
Ω
48
RINC
Common Mode Input
Resistance
UNITS
MAX428C
SYMBOL
PARAMETER
100
150
200
60
90
60
66
60
70
15
20
±3.5
±2.5
±2.7
650
1100
1700
20
36
510
510
12
3
2
35
120
+3
+3.5
-4
-4.5
310
48
MAX428AC
MIN
TYP
MAX
MIN
TYP
MAX
Note 1: Not tested, guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com