Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX448CSD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX448CSD
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX448CSD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX448CSD Datasheet HTML 1Page - Maxim Integrated Products MAX448CSD Datasheet HTML 2Page - Maxim Integrated Products MAX448CSD Datasheet HTML 3Page - Maxim Integrated Products MAX448CSD Datasheet HTML 4Page - Maxim Integrated Products MAX448CSD Datasheet HTML 5Page - Maxim Integrated Products MAX448CSD Datasheet HTML 6Page - Maxim Integrated Products MAX448CSD Datasheet HTML 7Page - Maxim Integrated Products MAX448CSD Datasheet HTML 8Page - Maxim Integrated Products MAX448CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
_______________________________________________________________________________________
5
200
400
600
800
1000
1200
0
10
2030
4050
60
70
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-10
-5
0
5
10
0
10
2030
4050
60
70
NORMALIZED OPEN LOOP GAIN
vs. TEMPERATURE
TEMPERATURE (°C)
2
4
6
8
10
3456
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (±V)
50
60
70
80
90
3456
OPEN LOOP GAIN
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (±V)
5
0
10
Ω
100
Ω
1k
Ω
MAXIMUM OUTPUT VOLTAGE SWING
vs. LOAD RESISTANCE
1
LOAD RESISTANCE (
Ω)
2
3
4
NEGATIVE SWING
POSITIVE SWING
20
40
60
80
100
0
10
2030
4050
60
70
INPUT OFFSET CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-20
-120
1k
10k
100k
1M
10M
100M
AMPLIFIER/AMPLIFIER CROSSTALK
vs. FREQUENCY (MAX428/448)
-100
FREQUENCY (Hz)
-80
-60
-40
0
2
4
6
8
0
10
2030
4050
60
70
MAXIMUM OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (°C)
RL = 2kΩ
RL = 50Ω
Typical Operating Characteristics
(VS = ±5, TA = +25°C, unless otherwise stated and apply for each individual op amp where applicable.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com