Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4522C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4522C/D
Description  Quad, Low-Voltage, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4522C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4522C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
__________Applications Information
Power-Supply Considerations
Overview
The MAX4521/MAX4522/MAX4523 construction is typi-
cal of most CMOS analog switches. They have three
supply pins: V+, V-, and GND. V+ and V- are used to
drive the internal CMOS switches, and they set the lim-
its of the analog voltage on any switch. Reverse ESD-
protection diodes are internally connected between
each analog-signal pin and both V+ and V-. If any ana-
log signal exceeds V+ or V-, one of these diodes con-
ducts. During normal operation these reverse-biased
ESD diodes leak, forming the only current drawn from
V+ or V-.
Virtually all the analog leakage current is through the
ESD diodes. Although the ESD diodes on a given sig-
nal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by
either V+ or V- and the analog signal. This means their
leakages vary as the signal varies. The
difference in the
two diode leakages from the signal path to the V+ and
V- pins constitutes the analog-signal-path leakage cur-
rent. All analog leakage current flows to the supply ter-
minals, not to the other switch terminal. This explains
how both sides of a given switch can show leakage
currents of the same or opposite polarity.
There is no connection between the analog-signal
paths and GND. The analog-signal paths consist of an
N-channel and P-channel MOSFET with their sources
and drains paralleled, and their gates driven out of
phase to V+ and V- by the logic-level translators.
V+ and GND power the internal logic and logic-level
translators, and set the input logic thresholds. The
logic-level translators convert the logic levels to
switched V+ and V- signals, to drive the gates of the
analog switches. This drive signal is the only connec-
tion between the logic supplies and the analog sup-
plies. V+ and V- have ESD-protection diodes to GND.
The logic-level inputs and output have ESD protection
to V+ and to GND.
Increasing V- has no effect on the logic-level thresh-
olds, but it does increase the drive to the P-channel
switches, reducing their on-resistance. V- also sets the
negative limit of the analog-signal voltage.
The logic-level thresholds are CMOS/TTL compatible
when V+ = +5V. The threshold increases slightly as V+
is raised, and when V+ reaches +12V, the level thresh-
old is about 3.1V. This is above the TTL output high-
level minimum of 2.8V, but still compatible with CMOS
outputs.
Bipolar Supplies
The MAX4521/MAX4522/MAX4523 operate with bipolar
supplies between ±2V and ±6V. The V+ and V- sup-
plies need not be symmetrical, but their sum cannot
exceed the absolute maximum rating of 13.0V. Do not
connect the MAX4521/MAX4522/MAX4523 V+ to +3V,
and then connect the logic-level-input pins to TTL
logic-level signals. TTL logic-level outputs in excess
of the absolute maximum ratings can damage the
part and/or external circuits.
Caution: The absolute maximum V+ to V- differential
voltage is 13.0V. Typical ±6V or 12V supplies with
±10% tolerances can be as high as 13.2V. This voltage
can damage the MAX4521/MAX4522/MAX4523. Even
±5% tolerance supplies may have overshoot or noise
spikes that exceed 13.0V.
Single Supply
The MAX4521/MAX4522/MAX4523 operate from a
single supply between +2V and +12V when V- is con-
nected to GND. All of the bipolar precautions must be
observed.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up
to 50MHz (see
Typical Operating Characteristics).
Above 20MHz, the on-response has several minor
peaks that are highly layout dependent. The problem
with high-frequency operation is not turning the switch
on, but turning it off. The off-state switch acts like a
capacitor and passes higher frequencies with less
attenuation. At 10MHz, off-isolation is about -52dB in
50
Ω systems, becoming worse (approximately 20dB
per decade) as frequency increases. Higher circuit
impedances also make off-isolation worse. Adjacent
channel attenuation is about 3dB above that of a bare
IC socket, and is due entirely to capacitive coupling.
Quad, Low-Voltage, SPST Analog Switches
8
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com