Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4522C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4522C/D
Description  Quad, Low-Voltage, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4522C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4522C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX4521/MAX4522/MAX4523 are quad, low-volt-
age, single-pole/single-throw (SPST) analog switches.
On-resistance (100
Ω max) is matched between switch-
es to 4
Ω max, and is flat (12Ω max) over the specified
signal range. Each switch can handle rail-to-rail analog
signals. The off-leakage current is only 1nA at +25°C
and 10nA at +85°C.
The MAX4521 has four normally closed (NC) switches,
and the MAX4522 has four normally open (NO) switch-
es. The MAX4523 has two NC switches and two NO
switches.
These CMOS switches can operate with dual power
supplies ranging from ±2V to ±6V or a single supply
between +2V and +12V. They are fully specified for sin-
gle +2.7V operation.
All digital inputs have +0.8V and +2.4V logic thresh-
olds, ensuring TTL/CMOS-logic compatibility when
using ±5V or a single +5V supply.
________________________Applications
Battery-Operated Equipment
Data Acquisition
Test Equipment
Avionics
Audio Signal Routing
Networking
____________________________Features
o +2V to +12V Single Supply
±2V to ±6V Dual Supplies
o 100
Ω Signal Paths with ±5V Supplies
o Low Power Consumption, <1µW
o 4 Separately Controlled SPST Switches
o Rail-to-Rail Signal Handling
o Pin Compatible with Industry-Standard
DG211/DG212/DG213
o >2kV ESD Protection per Method 3015.7
o TTL/CMOS-Compatible Inputs with ±5V or
Single +5V Supply
Quad, Low-Voltage, SPST Analog Switches
________________________________________________________________
Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC "0" INPUT
DIP/SO/QSOP
MAX4522
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
DIP/SO/QSOP
MAX4521
LOGIC
SWITCH
0
1
ON
OFF
DIP/SO/QSOP
MAX4523
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NO1
COM1
IN1
MAX4523
N.C.
NC3
COM3
IN3
IN4
COM4
NO4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX4521
N.C.
NC3
COM3
IN3
IN4
COM4
NC4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX4522
N.C.
NO3
COM3
IN3
IN4
COM4
NO4
GND
N.C. = NOT CONNECTED
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-1136; Rev 1; 1/97
PART
MAX4521CPE
MAX4521CSE
MAX4521CEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
16 QSOP
______________Ordering Information
Ordering Information continued at end of data sheet.
*
Contact factory for dice specifications.
MAX4521C/D
0°C to +70°C
Dice*
TOP VIEW
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX4522C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4522C MAXIM-MAX4522C Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4522CEE MAXIM-MAX4522CEE Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4522CGE MAXIM-MAX4522CGE Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4522CPE MAXIM-MAX4522CPE Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4522CSE MAXIM-MAX4522CSE Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
More results

Similar Description - MAX4522C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX4536 MAXIM-MAX4536 Datasheet
118Kb / 12P
Quad, Low-Voltage, SPST Analog Switches with Enable
Rev 0; 11/96
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com