Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4522C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4522C/D
Description  Quad, Low-Voltage, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4522C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4522C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Quad, Low-Voltage, SPST Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.5V to +5.5V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
+25°C
(Note 4)
CONDITIONS
C, E, M
125
200
V
0
V+
VCOM_, VNO_,
VNC_
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
TA
COM_ to NO_, COM_ to NC_
On-Resistance
RON
V+ = 4.5V, VCOM_ = 3.5V,
ICOM_ = 1mA
C, E, M
250
Ω
+25°C
2
8
COM_ to NO_, COM_ to NC_
On-Resistance Match Between
Channels (Note 5)
∆RON
V+ = 5V, VCOM_ = 3.5V,
ICOM_ = 1mA
C, E, M
10
Ω
+25°C
-1
0.01
1
C, E
-10
10
NO_, NC_ Off-Leakage Current
(Notes 7, 10)
INO_(OFF),
INC_(OFF)
V+ = 5.5V; VCOM_ = 1V, 4.5V;
VN_ = 4.5V, 1V
M
-100
100
nA
+25°C
-1
0.01
1
C, E
-10
10
COM_ Off-Leakage Current
(Notes 7, 10)
ICOM_(OFF)
V+ = 5.5V; VCOM_ = 1V, 4.5V;
VN_ = 4.5V, 1V
M
-100
100
nA
+25°C
-2
0.01
2
C, E,
-20
20
COM_ On-Leakage Current
(Notes 7, 10)
ICOM_(ON)
V+ = 5.5V; VCOM_ = 4.5V, 1V
M
-200
200
nA
IN_ Input Logic Threshold High
VIN_H
C, E
1.6
2.4
V
IN_ Input Logic Threshold Low
VIN_L
C, E
0.8
1.6
V
IN_ Input Current Logic High
or Low
IINH_, IINL_
VIN_ = 0.8V or 2.4V
C, E
-1
0.03
1
µA
+25°C
60
100
Turn-On Time
tON
VCOM_ = 3V, V+ = 4.5V,
Figure 1
C, E, M
150
ns
+25°C
20
50
Turn-Off Time
tOFF
VCOM_ = 3V, V+ = 4.5V,
Figure 1
C, E, M
75
ns
+25°C
10
30
Break-Before-Make Time Delay
(MAX4523 Only)
tBBM
VCOM_ = 3V, V+ = 5.5V,
Figure 2
ns
+25°C
-1
0.05
1
V+ Supply Current
I+
V+ = 5.5V, all VIN_ = 0V or V+
C, E, M
-1
1
µA
+25°C
-1
0.05
1
V- Supply Current
I-
V- = 0V
C, E, M
-1
1
µA
Charge Injection (Note 4)
Q
CL = 1nF, VNO_ = 0V, RS = 0Ω,
Figure 3
+25°C
1
5
pC
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS
LOGIC INPUT
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com