Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4522C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4522C/D
Description  Quad, Low-Voltage, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4522C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4522C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4522C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Quad, Low-Voltage, SPST Analog Switches
_______________________________________________________________________________________
7
100
0.001
10
1k
100
100k
10k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.01
FREQUENCY (Hz)
0.1
1
10
V+ = +5V
V- = -5V
600
Ω IN AND OUT
0
-10
-90
0.01
0.1
1
10
100 300
FREQUENCY RESPONSE
-80
-70
FREQUENCY (MHz)
-50
-60
-40
-20
-30
5
0
-40
-35
-30
-20
-25
-15
-5
-10
INSERTION LOSS
50
Ω IN/OUT
OFF-ISOLATION
ON-PHASE
_____________________________Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, unless otherwise noted.)
______________________________________________________________Pin Description
NAME
FUNCTION
1, 16, 9, 8
IN1–IN4
Logic-Control Digital Inputs
2, 15, 10, 7
COM1–COM4
Analog Switch Common* Terminals
PIN
3, 14, 11, 6
NC1–NC4
Analog Switch Normally Closed Terminals
4
V-
Negative Analog Supply-Voltage Input. Connect to GND for single-
supply operation.
13
V+
Positive Analog and Digital Supply Voltage Input. Internally con-
nected to substrate.
12
N.C.
No Connect. Not internally connected.
5
GND
Ground. Connect to digital ground. (Analog signals have no ground
reference; they are limited to V+ and V-.)
*NO_ (or NC_) and COM_ pins are identical and interchangeable. Either may be considered as an input or output; signals pass
equally well in either direction.
1, 16, 9, 8
2, 15, 10, 7
—
4
13
12
5
1, 16, 9, 8
2, 15, 10, 7
—
4
13
12
5
MAX4521
MAX4522
MAX4523
—
NO1–NO4
Analog Switch Normally Open Terminals
3, 14, 11, 6
—
—
NO1, NO4
Analog Switch Normally Open Terminals
—
3, 6
—
NC2, NC3
Analog Switch Normally Closed Terminals
—
14, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com