Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX495ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX495ESA
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX495ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX495ESA Datasheet HTML 8Page - Maxim Integrated Products MAX495ESA Datasheet HTML 9Page - Maxim Integrated Products MAX495ESA Datasheet HTML 10Page - Maxim Integrated Products MAX495ESA Datasheet HTML 11Page - Maxim Integrated Products MAX495ESA Datasheet HTML 12Page - Maxim Integrated Products MAX495ESA Datasheet HTML 13Page - Maxim Integrated Products MAX495ESA Datasheet HTML 14Page - Maxim Integrated Products MAX495ESA Datasheet HTML 15Page - Maxim Integrated Products MAX495ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
The MAX492/MAX494/MAX495 can drive capacitive
loads in excess of 1000pF under certain conditions
(Figure 5). When driving capacitive loads, the greatest
potential for instability occurs when the op amp is
sourcing approximately 100µA. Even in this case, sta-
bility is maintained with up to 400pF of output capaci-
tance. If the output sources either more or less current,
stability is increased. These devices perform well with a
1000pF pure capacitive load (Figure 6). Figure 7 shows
the performance with a 500pF load in parallel with vari-
ous load resistors.
To increase stability while driving large capacitive
loads, connect a pull-up resistor at the output to
decrease the current that the amplifier must source. If
the amplifier is made to sink current rather than source,
stability is further increased.
Frequency stability can be improved by adding an out-
put isolation resistor (RS) to the voltage-follower circuit
(Figure 8). This resistor improves the phase margin of
the circuit by isolating the load capacitor from the op
amp’s output. Figure 9a shows the MAX492 driving
10,000pF (RL
≥ 100kΩ), while Figure 9b adds a 47Ω
isolation resistor.
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
______________________________________________________________________________________
13
VIN
50mV/div
VOUT
50mV/div
10
µs/div
VIN
50mV/div
VOUT
50mV/div
10
µs/div
MAX495
VOUT
VCC
2
3
1k
1k
+5V
7
4
6
MAX49_
VOUT
VIN
CL
RS
Figure 10. Power-Up Test Configuration
Figure 9b. Driving a 10,000pF Capacitive Load with a 47
Ω
Isolation Resistor
Figure 9a. Driving a 10,000pF Capacitive Load
Figure 8. Capacitive-Load Driving Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com