Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX495ESA Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX495ESA
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX495ESA Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX495ESA Datasheet HTML 8Page - Maxim Integrated Products MAX495ESA Datasheet HTML 9Page - Maxim Integrated Products MAX495ESA Datasheet HTML 10Page - Maxim Integrated Products MAX495ESA Datasheet HTML 11Page - Maxim Integrated Products MAX495ESA Datasheet HTML 12Page - Maxim Integrated Products MAX495ESA Datasheet HTML 13Page - Maxim Integrated Products MAX495ESA Datasheet HTML 14Page - Maxim Integrated Products MAX495ESA Datasheet HTML 15Page - Maxim Integrated Products MAX495ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
______________________________________________________________________________________
15
_Ordering Information (continued)
____Pin Configurations (continued)
_________________Chip Topographies
TRANSISTOR COUNT: 134 (single MAX495)
268 (dual MAX492)
536 (quad MAX494)
SUBSTRATE CONNECTED TO VEE
OUT2
VCC
VCC
VEE
IN1+
IN1-
IN2-
IN2+
0.068"
(1.728mm)
0.069"
(1.752mm)
OUT1
VCC
MAX492
OUT
VCC
IN-
NULL1
NULL2
0.056"
(1.422mm)
0.055"
(1.397mm)
IN+
VEE
MAX495
* Dice are specified at TA = +25°C, DC parameters only.
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT4
IN4-
IN4+
VEE
VCC
IN1+
IN1-
OUT1
MAX494
IN3+
IN3-
OUT3
OUT2
IN2-
IN2+
DIP/SO
PART
MAX494CPD
MAX494CSD
MAX494EPD
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
14 Plastic DIP
14 SO
14 Plastic DIP
MAX494ESD
MAX494MJD
-55°C to +125°C
-40°C to +85°C
14 SO
14 CERDIP
MAX495CPA
MAX495CSA
MAX495CUA
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
8 µMAX
MAX495C/D
MAX495EPA
-40°C to +85°C
0°C to +70°C
Dice*
8 Plastic DIP
MAX495ESA
-40°C to +85°C
8 SO
MAX495MJA
-55°C to +125°C
8 CERDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com