Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX495ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX495ESA
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX495ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX495ESA Datasheet HTML 2Page - Maxim Integrated Products MAX495ESA Datasheet HTML 3Page - Maxim Integrated Products MAX495ESA Datasheet HTML 4Page - Maxim Integrated Products MAX495ESA Datasheet HTML 5Page - Maxim Integrated Products MAX495ESA Datasheet HTML 6Page - Maxim Integrated Products MAX495ESA Datasheet HTML 7Page - Maxim Integrated Products MAX495ESA Datasheet HTML 8Page - Maxim Integrated Products MAX495ESA Datasheet HTML 9Page - Maxim Integrated Products MAX495ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, VCC = 5V, VEE = 0V, unless otherwise noted.)
60
-40
0.01
10
10,000
GAIN AND PHASE
vs. FREQUENCY
-20
MAX492-01
FREQUENCY (kHz)
0
20
40
80
0.1
1
100
1000
-180
-120
-60
0
60
120
180
AV = +1000
NO LOAD
PHASE
GAIN
60
-40
0.01
10
10,000
GAIN AND PHASE
vs. FREQUENCY
-20
MAX492-02
FREQUENCY (kHz)
0
20
40
80
0.1
1
100
1000
-180
-120
-60
0
60
120
180
CL = 470pF
AV = +1000
RL = ∞
GAIN
PHASE
140
-20
0.01
10
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
20
FREQUENCY (kHz)
60
100
120
0
40
80
0.1
1
100
VIN = 2.5V
VEE
VCC
100
0
0.01
10
10,000
CHANNEL SEPARATION
vs. FREQUENCY
20
FREQUENCY (kHz)
40
60
80
120
0.1
1
100
1000
VIN = 2.5V
140
20
-30
02
6
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
-20
10
VCM (V)
4
0
-10
-25
-15
-5
5
15
13
5
7
VCC = 2.7V
VCC = 6V
160
0
-60
-20
60
140
OFFSET VOLTAGE
vs. TEMPERATURE
40
140
TEMPERATURE (
°C)
20
100
100
80
-40
0
40
80
120
20
60
120
VCM = 0V
60
-60
-20
60
140
COMMON-MODE REJECTION RATIO
vs. TEMPERATURE
80
TEMPERATURE (
°C)
20
100
110
100
-40
0
40
80
120
70
90
120
VCM = 0V TO +5V
VCM = -01V TO +5.1V
VCM = -0.2V TO +5.2V
VCM = -0.3V TO +5.3V
VCM = -0.4V TO +5.4V
125
-125
-60
0
100
INPUT BIAS CURRENT
vs. TEMPERATURE
-75
75
TEMPERATURE (
°C)
60
25
-25
-100
-50
0
50
100
-20
20
80
120
VCC = 2.7V
VCC = 6V
140
-40
40
VCC = 6V
VCM = 0
VCM = VCC
220
0
-60
-20
60
140
SUPPLY CURRENT PER AMPLIFIER
vs. TEMPERATURE
60
180
TEMPERATURE (
°C)
20
100
140
100
200
160
120
80
40
20
-40
0
40
80
120
VOUT = VCM = VCC/2
VCC = 5V
VCC = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com