Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX495ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX495ESA
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX495ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX495ESA Datasheet HTML 1Page - Maxim Integrated Products MAX495ESA Datasheet HTML 2Page - Maxim Integrated Products MAX495ESA Datasheet HTML 3Page - Maxim Integrated Products MAX495ESA Datasheet HTML 4Page - Maxim Integrated Products MAX495ESA Datasheet HTML 5Page - Maxim Integrated Products MAX495ESA Datasheet HTML 6Page - Maxim Integrated Products MAX495ESA Datasheet HTML 7Page - Maxim Integrated Products MAX495ESA Datasheet HTML 8Page - Maxim Integrated Products MAX495ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The dual MAX492, quad MAX494, and single MAX495
operational amplifiers combine excellent DC accuracy
with rail-to-rail operation at the input and output. Since
the common-mode voltage extends from VCC to VEE,
the devices can operate from either a single supply
(+2.7V to +6V) or split supplies (±1.35V to ±3V). Each
op amp requires less than 150µA supply current. Even
with this low current, the op amps are capable of driving
a 1k
Ω load, and the input referred voltage noise is only
25nV/
√Hz. In addition, these op amps can drive loads in
excess of 1nF.
The precision performance of the MAX492/MAX494/
MAX495, combined with their wide input and output
dynamic range, low-voltage single-supply operation, and
very low supply current, makes them an ideal choice for
battery-operated equipment and other low-voltage appli-
cations. The MAX492/MAX494/MAX495 are available in
DIP and SO packages in the industry-standard op-amp
pin configurations. The MAX495 is also available in the
smallest 8-pin SO: the µMAX package.
________________________Applications
Portable Equipment
Battery-Powered Instruments
Data Acquisition
Signal Conditioning
Low-Voltage Applications
____________________________Features
o Low-Voltage Single-Supply Operation (+2.7V to +6V)
o Rail-to-Rail Input Common-Mode Voltage Range
o Rail-to-Rail Output Swing
o 500kHz Gain-Bandwidth Product
o Unity-Gain Stable
o 150µA Max Quiescent Current per Op Amp
o No Phase Reversal for Overdriven Inputs
o 200µV Offset Voltage
o High Voltage Gain (108dB)
o High CMRR (90dB) and PSRR (110dB)
o Drives 1k
Ω Load
o Drives Large Capacitive Loads
o MAX495 Available in µMAX Package—8-Pin SO
______________Ordering Information
Ordering Information continued at end of data sheet.
*
Dice are specified at TA = +25°C, DC parameters only.
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
VCC
OUT2
IN2-
IN2+
VEE
IN1+
IN1-
OUT1
MAX492
DIP/SO
TOP VIEW
1
2
3
4
8
7
6
5
N.C.
VCC
OUT
NULL
VEE
IN1+
IN1-
NULL
MAX495
DIP/SO/
µMAX
_________________Pin Configurations
MAX187
(ADC)
GND
INPUT SIGNAL CONDITIONING FOR LOW-VOLTAGE ADC
VDD
SERIAL
INTERFACE
6
8
7
3
1
4.096V
4
AIN
5
DOUT
SCLK
CS
SHDN
REF
2
ANALOG
INPUT
+5V
6
7
4
2
3
10k
10k
MAX495
__________Typical Operating Circuit
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
19-0265; Rev 2; 9/96
PART
MAX492CPA
MAX492CSA
MAX492C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
MAX492EPA
MAX492ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX492MJA
-55°C to +125°C
8 CERDIP
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX495ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950ACTX+T MAXIM-MAX4950ACTX+T Datasheet
537Kb / 10P
Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950CTO+ MAXIM-MAX4950CTO+ Datasheet
392Kb / 10P
Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4951 MAXIM-MAX4951 Datasheet
245Kb / 8P
SATA I/SATA II Bidirectional Re-Driver
Rev 0; 6/08
More results

Similar Description - MAX495ESA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP191 AD-OP191 Datasheet
479Kb / 20P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV.0
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
logo
Analog Devices
OP191 AD-OP191_06 Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
logo
Maxim Integrated Produc...
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
logo
Analog Devices
OP191 AD-OP191_15 Datasheet
562Kb / 24P
eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP291 AD-OP291_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491 AD-OP491_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com