Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84330CI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS84330CI
Description  Crystal oscillator interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84330CI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS84330CI Datasheet HTML 4Page - Integrated Device Technology ICS84330CI Datasheet HTML 5Page - Integrated Device Technology ICS84330CI Datasheet HTML 6Page - Integrated Device Technology ICS84330CI Datasheet HTML 7Page - Integrated Device Technology ICS84330CI Datasheet HTML 8Page - Integrated Device Technology ICS84330CI Datasheet HTML 9Page - Integrated Device Technology ICS84330CI Datasheet HTML 10Page - Integrated Device Technology ICS84330CI Datasheet HTML 11Page - Integrated Device Technology ICS84330CI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ICS84330CVI REVISION A JANUARY 7, 2011
8
©2011 Integrated Device Technology, Inc.
ICS84330CI Data Sheet
720MHZ, CRYSTAL-TO-LVPECL FREQUENCY SYNTHESIZER
Applications Information
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The ICS84330CI provides
separate power supplies to isolate any high switching noise from the
outputs to the internal PLL. VCC and VCCA should be individually
connected to the power supply plane through vias, and 0.01µF
bypass capacitors should be used for each pin. Figure 2 illustrates
this for a generic VCC pin and also shows that VCCA requires that an
additional 10
 resistor along with a 10F bypass capacitor be
connected to the VCCA pin.
Figure 2. Power Supply Filtering
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional protection.
A 1k
 resistor can be used.
Outputs:
TEST Output
The unused TEST output can be left floating. There should be no
trace attached.
LVPECL Outputs
The unused LVPECL output pair can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.
Figure 3. Cycle-to-Cycle Jitter vs. fOUT (using a 16MHz crystal)
VCC
VCCA
3.3V
10
Ω
10µF
.01µF
.01µF
50
40
30
20
10
0
200
300
600
700
400
500
Output Frequency (MHz)
N = 1
Spec Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com