Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84330CI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS84330CI
Description  Crystal oscillator interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84330CI Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS84330CI Datasheet HTML 1Page - Integrated Device Technology ICS84330CI Datasheet HTML 2Page - Integrated Device Technology ICS84330CI Datasheet HTML 3Page - Integrated Device Technology ICS84330CI Datasheet HTML 4Page - Integrated Device Technology ICS84330CI Datasheet HTML 5Page - Integrated Device Technology ICS84330CI Datasheet HTML 6Page - Integrated Device Technology ICS84330CI Datasheet HTML 7Page - Integrated Device Technology ICS84330CI Datasheet HTML 8Page - Integrated Device Technology ICS84330CI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA SHEET
ICS84330CVI REVISION A JANUARY 7, 2011
1
©2011 Integrated Device Technology, Inc.
720MHz, Low Jitter, Crystal-to-LVPECL
Frequency Synthesizer
ICS84330CI
FOUT
nFOUT
OSC
S_LOAD
OE
XTAL1
XTAL2
FREF_EXT
XTAL_SEL
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
TEST
CONFIGURATION
INTERFACE
LOGIC
÷M
÷16
PHASE DETECTOR
÷2
÷4
÷8
÷1
1
0
1
0
÷2
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
Pullup
Pullup
Pullup
Pullup
General Description
The ICS84330CI is a general purpose, single output high frequency
synthesizer. The VCO operates at a frequency range of 250MHz to
720MHz. The VCO and output frequency can be programmed using
the serial or parallel interfaces to the configuration logic. The output
can be configured to divide the VCO frequency by 1, 2, 4, and 8.
Output frequency steps as small as 250kHz to 2MHz can be
achieved using a 16MHz crystal depending on the output divider
settings.
Features
• Fully integrated PLL, no external loop filter requirements
• One differential 3.3V LVPECL output
• Crystal oscillator interface: 10MHz to 25MHz
• Output frequency range: 31.25MHz to 720MHz
• VCO range: 250MHz to 720MHz
• Parallel or serial interface for programming M and N dividers
during power-up
• RMS period jitter: 6ps (maximum)
• Cycle-to-cycle jitter: 40ps (maximum)
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS5) and lead-free (RoHS 6)
packages
Block Diagram
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
S_CLOCK
S_DATA
S_LOAD
VCCA
VCCA
FREF_EXT
XTAL_SEL
XTAL1
nc
N1
N0
M8
M7
M6
M5
M4
5
6
7
8
9
10 11
25 24 23
22 21
20 19
26
27
28
1
2
3
4
18
17
16
15
14
13
12
S_CLOCK
S_DATA
S_LOAD
VCCA
FREF_EXT
XTAL_SEL
XTAL1
N1
N0
M8
M7
M6
M5
M4
Pin Assignments
ICS84330CI
32 Lead LQFP
Y Package
7mm x 7mm x 1.4mm
package body
Top View
ICS84330CI
28 Lead PLCC
V Package
11.6mm x 11.4mm x 4.1mm
package body
Top View


Similar Part No. - ICS84330CI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84330CI ICST-ICS84330CI Datasheet
280Kb / 19P
720MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A DECEMBER 7, 2004
More results

Similar Description - ICS84330CI

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Vectron International, ...
MD-173 VECTRON-MD-173 Datasheet
727Kb / 6P
High Stability Coefficient Oscillator -I2C interface Oven Controlled Crystal Oscillator
MD-203 VECTRON-MD-203 Datasheet
1Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
MD-223 VECTRON-MD-223 Datasheet
2Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
logo
Integrated Device Techn...
ICS83905I IDT-ICS83905I Datasheet
428Kb / 17P
Crystal oscillator interface
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Microsemi Corporation
MD-223 MICROSEMI-MD-223 Datasheet
2Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
MD-203 MICROSEMI-MD-203 Datasheet
1Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com