Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1003 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 28Page - Seiko Instruments Inc S1003 Datasheet HTML 29Page - Seiko Instruments Inc S1003 Datasheet HTML 30Page - Seiko Instruments Inc S1003 Datasheet HTML 31Page - Seiko Instruments Inc S1003 Datasheet HTML 32Page - Seiko Instruments Inc S1003 Datasheet HTML 33Page - Seiko Instruments Inc S1003 Datasheet HTML 34Page - Seiko Instruments Inc S1003 Datasheet HTML 35Page - Seiko Instruments Inc S1003 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
S-1003 Series
Rev.1.0_00
Seiko Instruments Inc.
32
12. Delay time (tD) vs. Temperature (Ta)
S-1003NA12
CD = 4.7 nF, VDD = 0.95 V
→ −VDET(S) + 1.0 V
12
11
10
9
8
−40
85
75
50
25
0
−25
Ta [
°C]
S-1003NA24
CD = 4.7 nF, VDD = 0.95 V
→ −VDET(S) + 1.0 V
12
11
10
9
8
−40
85
75
50
25
0
−25
Ta [
°C]
S-1003NA50
CD = 4.7 nF, VDD = 0.95 V
→ −VDET(S) + 1.0 V
12
11
10
9
8
−40
85
75
50
25
0
−25
Ta [
°C]
1
μs
tD
VDD
× 90%
Input voltage
Output voltage
VIL
*2
VSS
VIH
*1
*1.
VIH =
−VDET(S) + 1.0 V
*2.
VIL = 0.95 V
V
R
*1
100 k
Ω
VDD
V
CD
VSS
VDD
OUT
CD
+
+
MR
*2
*1.
R is unnecessary for CMOS output product.
*2.
Set to VDD or GND (MR pin non-active).
Figure 36 Test Condition for Delay Time
Figure 37 Test Circuit for Delay Time
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com