Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1003 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1003 Datasheet HTML 1Page - Seiko Instruments Inc S1003 Datasheet HTML 2Page - Seiko Instruments Inc S1003 Datasheet HTML 3Page - Seiko Instruments Inc S1003 Datasheet HTML 4Page - Seiko Instruments Inc S1003 Datasheet HTML 5Page - Seiko Instruments Inc S1003 Datasheet HTML 6Page - Seiko Instruments Inc S1003 Datasheet HTML 7Page - Seiko Instruments Inc S1003 Datasheet HTML 8Page - Seiko Instruments Inc S1003 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
S-1003 Series
www.sii-ic.com
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
HIGH-ACCURACY VOLTAGE DETECTOR
© Seiko Instruments Inc., 2013
Rev.1.0_00
Seiko Instruments Inc.
1
The S-1003 Series is a high-accuracy voltage detector developed using CMOS technology. The detection voltage is fixed
internally with an accuracy of
±1.0% (−VDET ≥ 2.2 V). It operates with current consumption of 500 nA typ.
The release signal can be delayed by setting a capacitor externally. Delay time accuracy is
±15%.
Moreover, since the S-1003 Series includes the manual reset function, the reset signal can be also output forcibly.
Two output forms Nch open-drain output and CMOS output are available.
Features
• Detection voltage:
1.2 V to 5.0 V (0.1 V step)
• Detection voltage accuracy:
±1.0% (2.2 V ≤ −VDET ≤ 5.0 V)
±22 mV (1.2 V ≤ −VDET < 2.2 V)
• Current consumption:
500 nA typ.
• Operation voltage range:
0.95 V to 10.0 V
• Hysteresis width:
5%
± 2%
• Manual reset function:
MR pin logic active "L", active "H"
• Delay time accuracy:
±15% (CD = 4.7 nF)
• Output form:
Nch open-drain output (Active "L")
CMOS output (Active "L")
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
Applications
• Power supply monitor for microcomputer and reset for CPU
• Constant voltage power supply monitor for TV, Blu-ray recorder and home appliance
• Power supply monitor for portable devices such as notebook PC, digital still camera and mobile phone
Packages
• SOT-23-5
• SNT-6A


Similar Part No. - S1003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S10033SL0R6 VISHAY-S10033SL0R6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
S10039SL0U83L0R VISHAY-S10039SL0U83L0R Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
logo
Teccor Electronics
S1003L TECCOR-S1003L Datasheet
1Mb / 12P
SCRs 1-70 AMPS NON-SENSITIVE GATE
More results

Similar Description - S1003

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19105 SII-S19105 Datasheet
2Mb / 37P
FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com