| Electronic Components Datasheet Search |
|
S1003 Datasheet(PDF) 33 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S1003 Datasheet(HTML) 33 Page - Seiko Instruments Inc |
|
33 / 42 page ![]() MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR Rev.1.0_00 S-1003 Series Seiko Instruments Inc. 33 Application Circuit Examples 1. Microcomputer reset circuits In microcomputers, when the power supply voltage is lower than the guaranteed operation voltage, an unspecified operation may be performed or the contents of the memory register may be lost. When power supply voltage returns to the normal level, the microcomputer needs to be initialized. Otherwise, the microcomputer may malfunction after that. Reset circuits to protect microcomputer in the event of current being momentarily switched off or lowered. Using the S-1003 Series which has the low operation voltage, a high accuracy detection voltage and hysteresis, reset circuits can be easily constructed as seen in Figure 38 and Figure 39. GND VDD VDD MR CD VSS OUT *1 Microcomputer *1. Set to VDD or GND (MR pin non-active). GND VDD VDD1 VDD VSS MR CD OUT *1 Microcomputer *1. Set to VDD or GND (MR pin non-active). Figure 38 Example of Reset Circuit (CMOS Output Product) Figure 39 Example of Reset Circuit (Nch Open-drain Output Product) Caution The above connection diagram and constant will not guarantee successful operation. Perform thorough evaluation using the actual application to set the constant. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |