Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1003 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 4Page - Seiko Instruments Inc S1003 Datasheet HTML 5Page - Seiko Instruments Inc S1003 Datasheet HTML 6Page - Seiko Instruments Inc S1003 Datasheet HTML 7Page - Seiko Instruments Inc S1003 Datasheet HTML 8Page - Seiko Instruments Inc S1003 Datasheet HTML 9Page - Seiko Instruments Inc S1003 Datasheet HTML 10Page - Seiko Instruments Inc S1003 Datasheet HTML 11Page - Seiko Instruments Inc S1003 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
S-1003 Series
Rev.1.0_00
Seiko Instruments Inc.
8
4. 4 S-1003 Series CB type
Output form: CMOS output (Active "L")
MR pin logic: Active "H"
Table 6
Detection Voltage
SOT-23-5
SNT-6A
1.2 V
± 22 mV
S-1003CB12I-M5T1U
S-1003CB12I-I6T1U
1.3 V
± 22 mV
S-1003CB13I-M5T1U
S-1003CB13I-I6T1U
1.4 V
± 22 mV
S-1003CB14I-M5T1U
S-1003CB14I-I6T1U
1.5 V
± 22 mV
S-1003CB15I-M5T1U
S-1003CB15I-I6T1U
1.6 V
± 22 mV
S-1003CB16I-M5T1U
S-1003CB16I-I6T1U
1.7 V
± 22 mV
S-1003CB17I-M5T1U
S-1003CB17I-I6T1U
1.8 V
± 22 mV
S-1003CB18I-M5T1U
S-1003CB18I-I6T1U
1.9 V
± 22 mV
S-1003CB19I-M5T1U
S-1003CB19I-I6T1U
2.0 V
± 22 mV
S-1003CB20I-M5T1U
S-1003CB20I-I6T1U
2.1 V
± 22 mV
S-1003CB21I-M5T1U
S-1003CB21I-I6T1U
2.2 V
± 1.0%
S-1003CB22I-M5T1U
S-1003CB22I-I6T1U
2.3 V
± 1.0%
S-1003CB23I-M5T1U
S-1003CB23I-I6T1U
2.4 V
± 1.0%
S-1003CB24I-M5T1U
S-1003CB24I-I6T1U
2.5 V
± 1.0%
S-1003CB25I-M5T1U
S-1003CB25I-I6T1U
2.6 V
± 1.0%
S-1003CB26I-M5T1U
S-1003CB26I-I6T1U
2.7 V
± 1.0%
S-1003CB27I-M5T1U
S-1003CB27I-I6T1U
2.8 V
± 1.0%
S-1003CB28I-M5T1U
S-1003CB28I-I6T1U
2.9 V
± 1.0%
S-1003CB29I-M5T1U
S-1003CB29I-I6T1U
3.0 V
± 1.0%
S-1003CB30I-M5T1U
S-1003CB30I-I6T1U
3.1 V
± 1.0%
S-1003CB31I-M5T1U
S-1003CB31I-I6T1U
3.2 V
± 1.0%
S-1003CB32I-M5T1U
S-1003CB32I-I6T1U
3.3 V
± 1.0%
S-1003CB33I-M5T1U
S-1003CB33I-I6T1U
3.4 V
± 1.0%
S-1003CB34I-M5T1U
S-1003CB34I-I6T1U
3.5 V
± 1.0%
S-1003CB35I-M5T1U
S-1003CB35I-I6T1U
3.6 V
± 1.0%
S-1003CB36I-M5T1U
S-1003CB36I-I6T1U
3.7 V
± 1.0%
S-1003CB37I-M5T1U
S-1003CB37I-I6T1U
3.8 V
± 1.0%
S-1003CB38I-M5T1U
S-1003CB38I-I6T1U
3.9 V
± 1.0%
S-1003CB39I-M5T1U
S-1003CB39I-I6T1U
4.0 V
± 1.0%
S-1003CB40I-M5T1U
S-1003CB40I-I6T1U
4.1 V
± 1.0%
S-1003CB41I-M5T1U
S-1003CB41I-I6T1U
4.2 V
± 1.0%
S-1003CB42I-M5T1U
S-1003CB42I-I6T1U
4.3 V
± 1.0%
S-1003CB43I-M5T1U
S-1003CB43I-I6T1U
4.4 V
± 1.0%
S-1003CB44I-M5T1U
S-1003CB44I-I6T1U
4.5 V
± 1.0%
S-1003CB45I-M5T1U
S-1003CB45I-I6T1U
4.6 V
± 1.0%
S-1003CB46I-M5T1U
S-1003CB46I-I6T1U
4.7 V
± 1.0%
S-1003CB47I-M5T1U
S-1003CB47I-I6T1U
4.8 V
± 1.0%
S-1003CB48I-M5T1U
S-1003CB48I-I6T1U
4.9 V
± 1.0%
S-1003CB49I-M5T1U
S-1003CB49I-I6T1U
5.0 V
± 1.0%
S-1003CB50I-M5T1U
S-1003CB50I-I6T1U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com