Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6005 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6005
Description  Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6005 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6005 Datasheet HTML 1Page - Maxim Integrated Products MAX6005 Datasheet HTML 2Page - Maxim Integrated Products MAX6005 Datasheet HTML 3Page - Maxim Integrated Products MAX6005 Datasheet HTML 4Page - Maxim Integrated Products MAX6005 Datasheet HTML 5Page - Maxim Integrated Products MAX6005 Datasheet HTML 6Page - Maxim Integrated Products MAX6005 Datasheet HTML 7Page - Maxim Integrated Products MAX6005 Datasheet HTML 8Page - Maxim Integrated Products MAX6005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX6001–MAX6005 family of SOT23, low-cost
series voltage references meets the cost advantage of
shunt references and offers the power-saving advantage
of series references, which traditionally cost more. Unlike
conventional shunt-mode (two-terminal) references that
must be biased at the load current and require an exter-
nal resistor, these devices eliminate the need for an
external resistor and offer a supply current that is virtually
independent of the supply voltage.
These micropower, low-dropout, low-cost devices are
ideal for high-volume, cost-sensitive 3V and 5V battery-
operated systems with wide variations in supply voltage
that require very low power dissipation. Additionally,
these devices are internally compensated and do not
require an external compensation capacitor, saving
valuable board area in space-critical applications.
Applications
Portable/Battery-Powered Equipment
Notebook Computers
PDAs, GPSs, and DMMs
Cellular Phones
Pagers
Hard-Disk Drives
Features
o 1% max Initial Accuracy
o 100ppm/°C max Temperature Coefficient
o 45µA max Quiescent Supply Current
o 0.8µA/V Supply Current Variation with VIN
o ±400µA Output Source and Sink Current
o 100mV Dropout at 400µA Load Current
o 0.12µV/µA Load Regulation
o 8µV/V Line Regulation
o Stable with CLOAD = 0 to 2.2nF
Low-Cost, Low-Power, Low-Dropout,
SOT23-3 Voltage References
________________________________________________________________
Maxim Integrated Products
1
IN
+SUPPLY INPUT (SEE
SELECTOR GUIDE)
OUT
REFERENCE
OUT
2.2nF MAX*
*CAPACITORS ARE OPTIONAL
GND
MAX6001
MAX6002
MAX6003
MAX6004
MAX6005
*
Typical Operating Circuit
13-1395; Rev 1; 4/99
PART
MAX6001EUR-T
MAX6002EUR-T
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
3 SOT23-3
3 SOT23-3
Ordering Information
SOT
TOP MARK
FZCW
FZCX
MAX6004EUR-T
-40°C to +85°C
3 SOT23-3
FZCY
MAX6005EUR-T
-40°C to +85°C
3 SOT23-3
FZCZ
(VOUT + 200mV) to 12.6
5.000
MAX6005
(VOUT + 200mV) to 12.6
4.096
MAX6004
(VOUT + 200mV) to 12.6
2.500
MAX6002
2.5 to 12.6
1.250
MAX6001
INPUT VOLTAGE (V)
OUTPUT
VOLTAGE (V)
PART
Selector Guide
OUT
1
3
GND
IN
MAX6001
MAX6002
MAX6003
MAX6004
MAX6005
SOT23-3
TOP VIEW
2
Pin Configuration
(VOUT + 200mV) to 12.6
3.000
MAX6003
MAX6003EUR-T
-40°C to +85°C
3 SOT23-3
FZDK


Similar Part No. - MAX6005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX600 MAXIM-MAX600 Datasheet
345Kb / 4P
AC To DC Regulator
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006A MAXIM-MAX6006A Datasheet
228Kb / 8P
1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006AESA+ MAXIM-MAX6006AESA+ Datasheet
1Mb / 8P
1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006AEUR+T MAXIM-MAX6006AEUR+T Datasheet
1Mb / 8P
1關A SOT23 Precision Shunt Voltage Reference
2019
More results

Similar Description - MAX6005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com