Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6005 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6005
Description  Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6005 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6005 Datasheet HTML 1Page - Maxim Integrated Products MAX6005 Datasheet HTML 2Page - Maxim Integrated Products MAX6005 Datasheet HTML 3Page - Maxim Integrated Products MAX6005 Datasheet HTML 4Page - Maxim Integrated Products MAX6005 Datasheet HTML 5Page - Maxim Integrated Products MAX6005 Datasheet HTML 6Page - Maxim Integrated Products MAX6005 Datasheet HTML 7Page - Maxim Integrated Products MAX6005 Datasheet HTML 8Page - Maxim Integrated Products MAX6005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Cost, Low-Power, Low-Dropout,
SOT23-3 Voltage References
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX6003
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Line Regulation
∆VOUT/
∆VIN
20
220
(VOUT + 0.2V) ≤ VIN ≤ 12.6V
µV/V
ppm/°C
TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output Voltage Temperature
Coefficient (Note 2)
TCVOUT
20
100
OUT Short-Circuit Current
ISC
4
mA
4
Output Voltage
VOUT
V
2.97
3.00
3.03
Temperature Hysteresis
(Note 3)
∆VOUT/
time
130
ppm
Long-Term Stability
∆VOUT/
time
50
ppm/
1,000hrs
Noise Voltage
eOUT
75
µVp-p
150
µVRMS
Ripple Rejection
∆VOUT/
∆VIN
80
dB
Turn-On Settling Time
tR
100
µs
Capacitive-Load Stability Range
COUT
0
2.2
nF
Supply Voltage Range
VIN
VOUT + 0.2
12.6
V
Quiescent Supply Current
IIN
27
45
µA
Change in Supply Current
IIN/VIN
0.8
2.6
µA/V
CONDITIONS
1,000 hours at TA = +25°C
f = 0.1Hz to 10Hz
Short to GND
Short to IN
f = 10Hz to 10kHz
VIN = 5V ±100mV, f = 120Hz
To VOUT = 0.1% of final value, COUT = 50pF
(Note 4)
Guaranteed by line-regulation test
(VOUT + 0.2V) ≤ VIN ≤ 12.6V
OUTPUT
DYNAMIC
INPUT
Dropout Voltage
(Note 5)
VIN -
VOUT
100
200
IOUT = 400µA
mV
Load Regulation
∆VOUT/
∆IOUT
0.14
0.90
Sourcing: 0
≤ IOUT ≤ 400µA
µV/µA
Sinking: -400µA
≤ IOUT ≤ 0
0.18
1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com