Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6005 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6005
Description  Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6005 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6005 Datasheet HTML 1Page - Maxim Integrated Products MAX6005 Datasheet HTML 2Page - Maxim Integrated Products MAX6005 Datasheet HTML 3Page - Maxim Integrated Products MAX6005 Datasheet HTML 4Page - Maxim Integrated Products MAX6005 Datasheet HTML 5Page - Maxim Integrated Products MAX6005 Datasheet HTML 6Page - Maxim Integrated Products MAX6005 Datasheet HTML 7Page - Maxim Integrated Products MAX6005 Datasheet HTML 8Page - Maxim Integrated Products MAX6005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Cost, Low-Power, Low-Dropout,
SOT23-3 Voltage References
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX6004
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
(VOUT + 0.2V) ≤ VIN ≤ 12.6V
Guaranteed by line-regulation test
TA = +25°C
(Note 4)
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
f = 10Hz to 10kHz
Short to IN
Short to GND
f = 0.1Hz to 10Hz
IOUT = 400µA
Sourcing: 0
≤ IOUT ≤ 400µA
(VOUT + 0.2V) ≤ VIN ≤ 12.6V
1,000 hours at TA = +25°C
1,000 hours at TA = +25°C
CONDITIONS
µA/V
0.8
2.6
IIN/VIN
Change in Supply Current
µA
27
45
IIN
Quiescent Supply Current
V
VOUT + 0.2
12.6
VIN
Supply Voltage Range
INPUT
nF
0
2.2
COUT
Capacitive-Load Stability Range
µs
160
tR
Turn-On Settling Time
dB
77
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
200
µVp-p
100
eOUT
Noise Voltage
ppm/
1,000hrs
50
∆VOUT/
time
Long-Term Stability
ppm
130
∆VOUT/
time
Temperature Hysteresis
(Note 3)
V
4.055
4.096
4.137
VOUT
OUTPUT
Output Voltage
4
mA
4
ISC
OUT Short-Circuit Current
mV
100
200
VIN -
VOUT
Dropout Voltage
(Note 5)
0.15
1.00
ppm/°C
TCVOUT
Output Voltage Temperature
Coefficient (Note 2)
20
100
µV/V
25
240
∆VOUT/
∆VIN
Line Regulation
µV/µA
∆VOUT/
∆IOUT
Load Regulation
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Sinking: -400µA
≤ IOUT ≤ 0
0.20
1.20
INPUT
OUTPUT
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com