Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6005 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6005
Description  Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6005 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6005 Datasheet HTML 4Page - Maxim Integrated Products MAX6005 Datasheet HTML 5Page - Maxim Integrated Products MAX6005 Datasheet HTML 6Page - Maxim Integrated Products MAX6005 Datasheet HTML 7Page - Maxim Integrated Products MAX6005 Datasheet HTML 8Page - Maxim Integrated Products MAX6005 Datasheet HTML 9Page - Maxim Integrated Products MAX6005 Datasheet HTML 10Page - Maxim Integrated Products MAX6005 Datasheet HTML 11Page - Maxim Integrated Products MAX6005 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Cost, Low-Power, Low-Dropout,
SOT23-3 Voltage References
10
______________________________________________________________________________________
Detailed Description
The MAX6001–MAX6005 bandgap references offer a
temperature coefficient of <100ppm/°C and initial accura-
cy of better than 1%. These devices can sink and source
up to 400µA with <200mV of dropout voltage, making
them attractive for use in low-voltage applications.
Applications Information
Output/Load Capacitance
Devices in this family do not require an output capaci-
tance for frequency stability. They are stable for capac-
itive loads from 0 to 2.2nF. However, in applications
where the load or the supply can experience step
changes, an output capacitor will reduce the amount of
overshoot (or undershoot) and assist the circuit’s tran-
sient response. Many applications do not need an
external capacitor, and this family can offer a signifi-
cant advantage in these applications when board
space is critical.
Supply Current
The quiescent supply current of these series-mode ref-
erences is a maximum of 45µA and is virtually indepen-
dent of the supply voltage, with only a 0.8µA/V variation
with supply voltage. Unlike shunt-mode references, the
load current of these series-mode references is drawn
from the supply voltage only when required, so supply
current is not wasted and efficiency is maximized over
the entire supply voltage range. This improved efficien-
cy can help reduce power dissipation and extend bat-
tery life.
When the supply voltage is below the minimum speci-
fied input voltage (as during turn-on), the devices can
draw up to 200µA beyond the nominal supply current.
The input voltage source must be capable of providing
this current to ensure reliable turn-on.
Output Voltage Hysteresis
Output voltage hysteresis is the change in the output
voltage at TA = +25°C before and after the device is
cycled over its entire operating temperature range.
Hysteresis is caused by differential package stress
appearing across the bandgap core transistors. The
typical temperature hysteresis value is 130ppm.
Pin Description
NAME
FUNCTION
1
IN
Supply Voltage Input
2
OUT
Reference Voltage Output
PIN
3
GND
Ground
Figure 1. Positive and Negative References from Single +3V or +5V Supply
IN
VS
+2VS
-2VS
OUT
+REF OUTPUT
OUTPUT
-REF OUTPUT
10nF
1M, 0.1%
1M, 0.1%
GND
MAX6001
MAX6002
MAX6003
MAX6004
MAX6005
VCC
V+
GND
MAX681
V-
V+
V-
ICL7652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com