Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB829 Datasheet(PDF) 4 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 4 Page - CML Microcircuits

  DB829 Datasheet HTML 1Page - CML Microcircuits DB829 Datasheet HTML 2Page - CML Microcircuits DB829 Datasheet HTML 3Page - CML Microcircuits DB829 Datasheet HTML 4Page - CML Microcircuits DB829 Datasheet HTML 5Page - CML Microcircuits DB829 Datasheet HTML 6Page - CML Microcircuits DB829 Datasheet HTML 7Page - CML Microcircuits DB829 Datasheet HTML 8Page - CML Microcircuits DB829 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Baseband Signal Processor
4
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
2. Signal List
PIN NO
SIGNAL
TYPE
DESCRIPTION
1
XTAL
output
Inverted output of the on-chip oscillator.
2
XTAL/CLOCK
input
Input to the on-chip oscillator, for external Xtal circuit or clock.
3
SERIAL CLOCK
input
"C-BUS" serial clock input. This clock, produced by the µController, is used for
transfer timing of commands and data to and from the device. See section
7.1.4
4
COMMAND DATA
input
"C-BUS" serial data input from the µController. Data is loaded into this device
in 8-bit bytes, MSB (B7) first, and LSB (B0) last, synchronized to the SERIAL
CLOCK. See section 7.1.4.
5
REPLY DATA
output
"C-BUS" serial data output to the µController. The transmission of REPLY
DATA bytes is synchronized to the SERIAL CLOCK under the control of the
CS input. This 3-state output is held at high impedance when not sending
data to the µController. See section 7.1.4.
6
CS
input
"C-BUS" data loading control function: this input is provided by the µController.
Data transfer sequences are initiated, completed or aborted by the CS signal.
See section 7.1.4.
7
IRQ
output
This output indicates an interrupt condition to the µController by going to a
logic "0". This is a "wire-ORable" output, enabling the connection of up to 8
peripherals to 1 interrupt port on the µController. This pin has a low
impedance pulldown to logic "0" when active and a high-impedance when
inactive. An external pull-up resistor is required. The conditions that cause
interrupts are indicated in the STATUS register and are effective if not masked
out by a corresponding bit in the CONTROL register. The reading of the
Status Register resets the IRQ to a high impedance and sets the contents of
the Status Register to 0.
8
CARRIER DETECT
output
The carrier detect output for the MSK Rx.
9
CD CAP
output
The carrier detect integrating capacitor.
10
VBIAS
output
A bias line for the internal circuitry, held at VDD/2. This pin must be bypassed
to a capacitor mounted close to the device pins.
11
MIC
input
AC coupled Tx audio input (external amplification is required for use as a
microphone input).
12
VSS
Power
Negative supply (ground).
13
DEMOD IN
input
AC coupled inverting input to the Rx input amplifier (AMP1).
14
DEMOD FB
output
Output of the Rx input amplifier (AMP1)
15
FILTER OUT
output
Output of the audio filter/limiter section. In powersave mode this output is
connected to VBIAS via a 500kΩ resistor.
16
MSK/DTMF OUT
output
The 1200 or 2400 baud MSK Tx output and the DTMF encoder output. When
enabled but not transmitting MSK or DTMF signals, or when in powersave
mode, this output is connected to VBIAS via a 500kΩ resistor. On power-up,
this output can be any level: a General Reset command is required to ensure
that this output attains VBIAS initially.
17
SUM IN
input
Input to the audio summing amplifier (AMP2).
18
SUM OUT
output
Output of the audio summing amplifier (AMP2).
19
MOD1 IN
input
Input to MOD1 audio gain control.
20
VOL IN
input
Input to the audio volume control.
21
AUDIO OUT
output
Output of the audio volume control.
22
MOD1
output
Output of MOD1 audio gain control.
23
MOD2
output
Output of MOD2 audio gain control.
24
VDD
Power
Positive supply. Levels and voltages are dependent upon this supply. This pin
should be bypassed to VSS by a capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com