Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB829 Datasheet(PDF) 24 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 24 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 20Page - CML Microcircuits DB829 Datasheet HTML 21Page - CML Microcircuits DB829 Datasheet HTML 22Page - CML Microcircuits DB829 Datasheet HTML 23Page - CML Microcircuits DB829 Datasheet HTML 24Page - CML Microcircuits DB829 Datasheet HTML 25Page - CML Microcircuits DB829 Datasheet HTML 26Page - CML Microcircuits DB829 Datasheet HTML 27Page - CML Microcircuits DB829 Datasheet HTML 28Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Baseband Signal Processor
24
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
20k
Frequency (Hz)
Gain (dB)
-60
-50
-40
-30
-20
-10
0
10
10
100
1,000
10,000
100,000
2.55k
-14 dB/octave
Response must not exceed this limit
6k
300
0.5dB
-2dB
-10.5dB
Figure 12: Overall Audio Frequency Response for 12.5kHz Channel Separation
20k
Frequency (Hz)
Gain (dB)
-60
-50
-40
-30
-20
-10
0
10
10
100
1,000
10,000
100,000
-10.5 dB
-14 dB/octave
Response must not exceed this limit
6k
300
3k
-2dB
0.5dB
Figure 13: Overall Audio Frequency Response for 20kHz/25kHz Channel Separation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com