Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB829 Datasheet(PDF) 25 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 25 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 21Page - CML Microcircuits DB829 Datasheet HTML 22Page - CML Microcircuits DB829 Datasheet HTML 23Page - CML Microcircuits DB829 Datasheet HTML 24Page - CML Microcircuits DB829 Datasheet HTML 25Page - CML Microcircuits DB829 Datasheet HTML 26Page - CML Microcircuits DB829 Datasheet HTML 27Page - CML Microcircuits DB829 Datasheet HTML 28Page - CML Microcircuits DB829 Datasheet HTML 29Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Baseband Signal Processor
25
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
7.1.4 Timing
For the following conditions unless otherwise specified:
Xtal Frequency = 4.032MHz, VDD = 5.0V, TAMB = 25°C.
Parameter
Notes
Min.
Typ.
Max.
Units
tCSE
"CS-Enable to Clock-High"
2.0
µs
tCSH
Last "Clock-High to CS-High"
4.0
µs
tHIZ
"CS-High to Reply Output 3-state"
2.0
µs
tCSOFF
"CS-High" Time between transactions
2.0
µs
tNXT
"Inter-Byte" Time
4.0
µs
tCK
"Clock-Cycle" time
2.0
µs
Timing Notes:
1. Depending on the command, 1 or 2 bytes of COMMAND DATA are transmitted to the peripheral MSB (bit 7) first, LSB
(bit 0) last. REPLY DATA is read from the peripheral MSB (bit 7) first, LSB (bit 0) last.
2. Data is clocked into and out of the peripheral on the rising SERIAL CLOCK edge.
3. Loaded commands are acted upon at the end of each command.
4. To allow for differing µController serial interface formats "C-BUS" compatible ICs are able to work with either polarity
SERIAL CLOCK pulses.
7
7
7
7
7
3
3
3
3
3
5
5
5
5
5
1
1
1
1
1
6
6
6
6
6
2
2
2
2
2
4
4
4
4
4
0
0
0
0
0
SERIAL CLOCK
MSB
MSB
LSB
LSB
COMMAND DATA
REPLY DATA
ADDRESS/COMMAND
BYTE
FIRST DATA BYTE
LAST DATA BYTE
LAST REPLY DATA BYTE
FIRST REPLY DATA BYTE
Logic level is not important
CS
t
CSE
t
CK
t
NXT
t
CSH
t
NXT
t
CSOFF
t
HIZ
Figure 14: "C-BUS" Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com