Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB829 Datasheet(PDF) 16 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 12Page - CML Microcircuits DB829 Datasheet HTML 13Page - CML Microcircuits DB829 Datasheet HTML 14Page - CML Microcircuits DB829 Datasheet HTML 15Page - CML Microcircuits DB829 Datasheet HTML 16Page - CML Microcircuits DB829 Datasheet HTML 17Page - CML Microcircuits DB829 Datasheet HTML 18Page - CML Microcircuits DB829 Datasheet HTML 19Page - CML Microcircuits DB829 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Baseband Signal Processor
16
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.4.2 Checking
The checksum checker performs two tasks:
It takes the first n-1 bits of a received (n = 8m + 16 bits) message, inverts bit n-1, and divides them modulo-2, by the
generating polynomial:
X15 + X14 + X13 + X11 + X4 + X2 + 1
The 15 bits remaining in the polynomial divider are checked for all zero.
Secondly, it generates an EVEN parity bit from the first n-1 bits of a received message and compares this bit with the
received parity bit (bit n). See Figure 6.
If the 15 bits in the polynomial divider are all zero, and the two parity bits are equal, then the RXSUMF bit (STATUS
register bit 6) is set. This is updated and latched every 8 bits, starting at the bit immediately after the initialization of the bit
counter. This initialization takes place on detection of frame synchronization, i.e. the matching of received data to the
SYNC, SYNT or RX SYNC WORD.
Note that the checksum is calculated on the received data before it is double buffered (see Figure 4).
n = the number of bits in the received message
m = the number of bytes of transmitted data, excluding checksum
invert last bit
÷ polynomial
15-bit remaining in
divider all zero?
YES
YES
AND
CHECKSUM OK
same as parity?
generate EVEN
parity bit
n - 1 bits
parity
(bit n)
P
15-bit
remainder
m x 8 bits
transmitted
received
Figure 6: Checksum Checking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com