Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB839 Datasheet(PDF) 7 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 3Page - CML Microcircuits DB839 Datasheet HTML 4Page - CML Microcircuits DB839 Datasheet HTML 5Page - CML Microcircuits DB839 Datasheet HTML 6Page - CML Microcircuits DB839 Datasheet HTML 7Page - CML Microcircuits DB839 Datasheet HTML 8Page - CML Microcircuits DB839 Datasheet HTML 9Page - CML Microcircuits DB839 Datasheet HTML 10Page - CML Microcircuits DB839 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Digitally Controlled Analog I/O Processor
7
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
After enabling conversions the user must allow time for all enabled channels to be digitized before reading the results via
the ‘C-BUS’. The minimum required time to wait is:
A/D_CLK
CONV_MAX
f
Inputs'
Enabled
of
Number
'
)
2
+
10
(
=
T
[Seconds]
Upon disabling conversions the data for the most recent conversion completed for each channel will be available via the
‘C-BUS’ commands ‘READ A/D DATA x’ (addresses $DC, $DD, $DE, $DF) for input channels 1 through 4 respectively.
Do not forget to re-enable conversions by setting A/D control register bit 5, the READ bit, back high after reading the
desired A/D results. Note that the Magnitude Comparators (see section 4.4) can be configured to monitor the A/D channel
data in order to minimize the software burden of continuously reading the A/D channel data. It is not recommended to
issue ‘READ A/D DATA x’ commands without first setting A/D control register bit 5, the READ bit, low.
An Example C-BUS transaction to do a conversion and read of A/D Channel 1:
HEX
ADDRESS/
COMMAND
WRITE
DATA
BYTE 1
READ
DATA
BYTE 1
READ
DATA
BYTE 2
COMMENT
$01
N/A
N/A
N/A
Reset Device
$D0
$03
N/A
N/A
Set fA/D_CLK DIVIDER = 4
$D7
$70
N/A
N/A
Enable conversion on A/D Channel 1
$D7
$50
N/A
N/A
Disable conversions after waiting TCONV_MAX
$DC
N/A
xxxxxxxx
000000xx
Read A/D Channel 1 Data
$D7
$70
N/A
N/A
Re-enable conversion on A/D Channel 1
4.4
Magnitude Comparators and Interrupt Request
High and low digital comparator reference levels are provided for the four digital magnitude comparators via the 'C-BUS'
interface. The digital input to the comparators is provided by the most significant 8 data bits of each A/D channel
When the sampled data falls outside the high or low digital comparator reference levels the status register is updated and
the IRQ pin is pulled low. When a reference level is set to '0', its IRQ is disabled.
4.5
Software Description
4.5.1
Address/Commands
Instructions and Data are transferred via the 'C-BUS' in accordance with the timing information provided in Figure 5.
Instruction and data transactions to and from the FX839 consist of an Address/Command byte followed by either:
(i) a control or DAC data write (1 or 2 bytes) or,
(ii) a status or A/D data read (1 or 2 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com