Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB839 Datasheet(PDF) 17 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 12Page - CML Microcircuits DB839 Datasheet HTML 13Page - CML Microcircuits DB839 Datasheet HTML 14Page - CML Microcircuits DB839 Datasheet HTML 15Page - CML Microcircuits DB839 Datasheet HTML 16Page - CML Microcircuits DB839 Datasheet HTML 17Page - CML Microcircuits DB839 Datasheet HTML 18Page - CML Microcircuits DB839 Datasheet HTML 19Page - CML Microcircuits DB839 Datasheet HTML 20Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Digitally Controlled Analog I/O Processor
17
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Operating Characteristics Notes:
1.
Measured over a 0 to 30kHz Band.
2.
The extremes of the DAC output range (when resistively loaded) is affected by the output impedance of the DAC
buffer. Under these conditions, the output impedance can approach 200
:. However; when the output is operating
well within the supply; the output impedance will be significantly lower, thereby improving the loaded performance.
3.
RLOAD = 5k: AVDD = 5.0V.
4.
Loads less than 1k
: will produce output distortion.
5.
Small signal impedance, at AVDD = 5V and TAMB = 25°C.
6.
Differential non-linearity is defined as the difference in width between adjacent code midpoints and the width of an
ideal LSB, divided by the width of an ideal LSB. See Figure 3.
7.
Integral non-linearity is defined as the width difference between an actual code midpoint and the line of best fit
through all code midpoints, divided by the width of an ideal LSB. See Figure 4.
8.
6MHz operation at VDD = 5.0V only. The ‘C-BUS’ clock must be at lest 4 times slower than the XTAL/CLOCK
frequency.
Analog
Output
Digital
Input
Ideal
Response
Actual Response
Code Width=2LSBs
Differential Non-Linearity=1LSB
0V
000$
To $2FF
To
AVDD
Figure 3: Differential Non-Linearity of a D/A Converter
000
040
080
0C0
Analog
Output
100
140
180
1C0 200
240
280
2FF
0/768
64/768
128/768
192/768
256/768
320/768
384/768
448/768
512/768
576/768
640/768
704/768
768/768
Digital
Input
5 LSBs
Ideal
Response
Actual Response
Figure 4: Integral Non-Linearity of a D/A Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com